Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R8C/20 Datasheet(PDF) 101 Page - Renesas Technology Corp

Part # R8C/20
Description  MCU R8C FAMILY / R8C/2x SERIES
PDF  501 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/20 Datasheet(HTML) 101 Page - Renesas Technology Corp

Back Button R8C/20 Datasheet HTML 97Page - Renesas Technology Corp R8C/20 Datasheet HTML 98Page - Renesas Technology Corp R8C/20 Datasheet HTML 99Page - Renesas Technology Corp R8C/20 Datasheet HTML 100Page - Renesas Technology Corp R8C/20 Datasheet HTML 101Page - Renesas Technology Corp R8C/20 Datasheet HTML 102Page - Renesas Technology Corp R8C/20 Datasheet HTML 103Page - Renesas Technology Corp R8C/20 Datasheet HTML 104Page - Renesas Technology Corp R8C/20 Datasheet HTML 105Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 501 page
background image
R8C/20 Group, R8C/21 Group
10. Clock Generation Circuit
Rev.2.00 Aug 27, 2008
Page 85 of 458
REJ09B0250-0200
10.6
Notes on Clock Generation Circuit
10.6.1
Stop Mode
When entering stop mode, set the FMR01 bit to “0” (CPU rewrite mode disabled) and the CM10 bit to “1” (stop
mode). An instruction queue pre-reads 4 bytes from the instruction which sets the CM10 bit in the CM1 register
to “1” (stop mode) and the program stops. Insert at least 4 NOP instructions following the JMP.B instruction
immediately after the instruction which sets the CM10 bit to “1”.
• Example to enter stop mode
BCLR
1,FMR0
; CPU rewrite mode disabled
BSET
0,PRCR
; Protect disabled
FSET
I
; Enable interrupt
BSET
0,CM1
; Stop mode
JMP.B
LABEL_001
LABEL_001:
NOP
NOP
NOP
NOP
10.6.2
Wait Mode
When entering wait mode, set the FMR01 bit to “0” (CPU rewrite mode disabled) and execute the WAIT
instruction. An instruction queue pre-reads 4 bytes from the WAIT instruction and the program stops. Insert at
least 4 NOP instructions after the WAIT instruction.
• Example to execute the WAIT instruction
BCLR
1,FMR0
; CPU rewrite mode disabled
FSET
I
; Enable interrupt
WAIT
; Wait mode
NOP
NOP
NOP
NOP
10.6.3
Oscillation Stop Detection Function
Since the oscillation stop detection function cannot be used if the XIN clock frequency is less than 2 MHz, set
the OCD1 to OCD0 bits to 00b.
10.6.4
Oscillation Circuit Constants
Ask the maker of the oscillator to specify the beat oscillation circuit constants on your system.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com