Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CORTEX-R82 Datasheet(PDF) 10 Page - Arm Limited (or its affiliates).

Part # CORTEX-R82
Description  Arm Cortex-R82 Processor Datasheet
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARM [Arm Limited (or its affiliates).]
Direct Link  https://www.arm.com/
Logo ARM - Arm Limited (or its affiliates).

CORTEX-R82 Datasheet(HTML) 10 Page - Arm Limited (or its affiliates).

Back Button CORTEX-R82 Datasheet HTML 5Page - Arm Limited (or its affiliates). CORTEX-R82 Datasheet HTML 6Page - Arm Limited (or its affiliates). CORTEX-R82 Datasheet HTML 7Page - Arm Limited (or its affiliates). CORTEX-R82 Datasheet HTML 8Page - Arm Limited (or its affiliates). CORTEX-R82 Datasheet HTML 9Page - Arm Limited (or its affiliates). CORTEX-R82 Datasheet HTML 10Page - Arm Limited (or its affiliates). CORTEX-R82 Datasheet HTML 11Page - Arm Limited (or its affiliates). CORTEX-R82 Datasheet HTML 12Page - Arm Limited (or its affiliates). CORTEX-R82 Datasheet HTML 13Page - Arm Limited (or its affiliates).  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
10
Debug ROM Table
The Debug ROM table contains a list of components in the system. Debuggers can use
the Debug ROM table to determine which CoreSight components are implemented.
Power management and clock gating
The DebugBlock implements two Q-Channel interfaces, one for requests to gate the PCLK
clock and a second for requests to control the debug power domain.
Processor Interfaces
Name
Protocol
Width
Details
Low-latency
Peripheral Port
(LLPP)
AMBA 5 AXI
32-bit
Optional private LLPP per
core for minimum latency
access to memory and
devices outside the cluster.
Generic Interrupt
Controller (GIC)
Stream interface
AMBA 4 AXI4-Stream
32-bit
AXI-4 Stream interface for
interrupts between the
Cortex-R82 processor and
the system components.
DebugBlock
AMBA 4 APB
32-bit
APB interface between the
Cortex-R82 processor and
the DebugBlock.
Low-latency RAM
(LLRAM)
AMBA 5 AXI
256-bit
Optional LLRAM for low
latency access to memory
shared between cores within
the cluster.
Trace
AMBA 4 ATB
32-bit
instruction
ATB trace
128-bit data
ATB trace
Two master ATB interfaces
for instructions and data.
An instruction trace funnel
funnels all the processor ETM
instruction trace streams into
a single ATB trace bus. A data
trace funnel funnels all the
processor ETM data trace
streams and all the ELA trace
streams into a single ATB
trace bus.
Utility bus
AMBA 5 AXI
64-bit
Manages power states and
provides access to Power
Policy Units (PPUs)
registers and Reliability,
Availability, and Serviceability
(RAS) registers in each core
and the cluster.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com