Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CORTEX-R82 Datasheet(PDF) 9 Page - Arm Limited (or its affiliates).

Part # CORTEX-R82
Description  Arm Cortex-R82 Processor Datasheet
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARM [Arm Limited (or its affiliates).]
Direct Link  https://www.arm.com/
Logo ARM - Arm Limited (or its affiliates).

CORTEX-R82 Datasheet(HTML) 9 Page - Arm Limited (or its affiliates).

Back Button CORTEX-R82 Datasheet HTML 5Page - Arm Limited (or its affiliates). CORTEX-R82 Datasheet HTML 6Page - Arm Limited (or its affiliates). CORTEX-R82 Datasheet HTML 7Page - Arm Limited (or its affiliates). CORTEX-R82 Datasheet HTML 8Page - Arm Limited (or its affiliates). CORTEX-R82 Datasheet HTML 9Page - Arm Limited (or its affiliates). CORTEX-R82 Datasheet HTML 10Page - Arm Limited (or its affiliates). CORTEX-R82 Datasheet HTML 11Page - Arm Limited (or its affiliates). CORTEX-R82 Datasheet HTML 12Page - Arm Limited (or its affiliates). CORTEX-R82 Datasheet HTML 13Page - Arm Limited (or its affiliates).  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
9
Support for per-core CoreSight ELA-600 to monitor the hardware signals within the
core. The configuration option to pre-integrate ELAs is global. (Note the CoreSight
ELA-600 is a separately licensable product.)
A cluster level PMU to monitor events that happen at the shared logic. Provides six
performance event counters and one cycle counter.
AMBA 4 APB interfaces between the cluster and the DebugBlock.
DebugBlock
The DebugBlock transfers trigger events to/from the Cortex-R82 processor.
The DebugBlock is separated from the Cortex-R82 processor to facilitate the following
system design options:
The DebugBlock is placed in a separate power domain, to ensure that it is possible
to maintain the connection to a debugger while the cores and cluster are
powered down.
The DebugBlock is physically placed with the other CoreSight logic in the SoC, rather
than close to the cluster.
The separate power domains allow the cores and the cluster to be powered down while
maintaining essential state that is required to continue debugging. Separating the logical
power domains into physical domains is optional and might not be available in individual
systems.
System debug APB
The system debug APB slave interface connects to external CoreSight components, such as
the Debug Access Port (DAP) to provide access to the Debug registers, ETM, and ELA in each
core within the Cortex-R82 processor.
CTI and CTM
The DebugBlock implements Embedded Cross Trigger (ECT). A Cross Trigger Interface (CTI)
is allocated to each core in the cluster. An additional CTI is allocated to the cluster PMU and,
if present, to the cluster ELA. The CTIs are interconnected through the Cross Trigger Matrix
(CTM). A single external channel interface is implemented to allow cross-triggering to be
extended to the SoC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com