Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CORTEX-R82 Datasheet(PDF) 8 Page - Arm Limited (or its affiliates).

Part # CORTEX-R82
Description  Arm Cortex-R82 Processor Datasheet
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARM [Arm Limited (or its affiliates).]
Direct Link  https://www.arm.com/
Logo ARM - Arm Limited (or its affiliates).

CORTEX-R82 Datasheet(HTML) 8 Page - Arm Limited (or its affiliates).

Back Button CORTEX-R82 Datasheet HTML 4Page - Arm Limited (or its affiliates). CORTEX-R82 Datasheet HTML 5Page - Arm Limited (or its affiliates). CORTEX-R82 Datasheet HTML 6Page - Arm Limited (or its affiliates). CORTEX-R82 Datasheet HTML 7Page - Arm Limited (or its affiliates). CORTEX-R82 Datasheet HTML 8Page - Arm Limited (or its affiliates). CORTEX-R82 Datasheet HTML 9Page - Arm Limited (or its affiliates). CORTEX-R82 Datasheet HTML 10Page - Arm Limited (or its affiliates). CORTEX-R82 Datasheet HTML 11Page - Arm Limited (or its affiliates). CORTEX-R82 Datasheet HTML 12Page - Arm Limited (or its affiliates). Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
8
The Cortex-R82 processor implements an EL1-MMU for EL0 and EL1 memory accesses. This
MMU is optional and configurable on a per-core basis. Each Cortex-R82 core supports having
both an EL1-MPU and EL1-MMU and software can choose which one to use. However, if no
EL1-MPU is present, then an EL1-MMU must be present.
Memory Protection Unit
The Memory Protection Unit (MPU) implements the Protected Memory System Architecture
(PMSA) and determines the attributes for each memory location including permissions, type,
and cacheability.
Access permissions determine which levels of privilege are permitted to access a location and
whether write access or instruction execution are permitted. Memory type and cacheability
affect how the Cortex-R82 processor handles particular accesses, for example, if the
processor permits two stores to be merged into a single write access.
The Cortex-R82 processor implements two programmable MPUs, EL1-MPU and EL2-MPU,
controlled from EL1 and EL2 respectively. These MPUs are optional and configurable on a
per-core basis. Each Cortex-R82 core supports having both an EL1-MPU and EL1-MMU and
software can choose which one to use. However, if no EL1-MMU is present, then an EL1-MPU
must be present. The EL2-MPU is optional but is required if virtualization at EL2 is to be used.
Debug and trace components
The Cortex-R82 processor supports a range of debug, test, and trace options including:
Per-core PMU to monitor events that happen within the core. Provides six
performance event counters and one cycle counter.
Per-core debug logic providing six hardware breakpoints and four watchpoints.
Per-core ETM instruction and data trace on separate ATB buses:
-
An ATB4 32-bit bus for instruction.
-
An ATB4 128-bit bus for data and ELA.
The trace is generated per core, but the ATB buses are shared between the cores.
Support for a cluster level CoreSight ELA-600 Embedded Logic Analyzer to monitor
the hardware signals related to the shared logic.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com