Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CORTEX-R82 Datasheet(PDF) 2 Page - Arm Limited (or its affiliates).

Part # CORTEX-R82
Description  Arm Cortex-R82 Processor Datasheet
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARM [Arm Limited (or its affiliates).]
Direct Link  https://www.arm.com/
Logo ARM - Arm Limited (or its affiliates).

CORTEX-R82 Datasheet(HTML) 2 Page - Arm Limited (or its affiliates).

  CORTEX-R82 Datasheet HTML 1Page - Arm Limited (or its affiliates). CORTEX-R82 Datasheet HTML 2Page - Arm Limited (or its affiliates). CORTEX-R82 Datasheet HTML 3Page - Arm Limited (or its affiliates). CORTEX-R82 Datasheet HTML 4Page - Arm Limited (or its affiliates). CORTEX-R82 Datasheet HTML 5Page - Arm Limited (or its affiliates). CORTEX-R82 Datasheet HTML 6Page - Arm Limited (or its affiliates). CORTEX-R82 Datasheet HTML 7Page - Arm Limited (or its affiliates). CORTEX-R82 Datasheet HTML 8Page - Arm Limited (or its affiliates). CORTEX-R82 Datasheet HTML 9Page - Arm Limited (or its affiliates). Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
2
Tightly Coupled Memories (TCMs)
Two optional TCMs private to each core: an ITCM for instructions and
literal pool data and a DTCM for data.
Debug
Armv8-R AArch64 debug logic with debug over power-down support.
Cross Trigger Interface (CTI) for multiprocessor debugging.
Optional support for integrating CoreSight Embedded Logic Analyzer,
ELA-600 for advanced debug capability and signal observability.
Performance Monitors Extension support for software profiling and
performance debugging based on the PMUv3 architecture.
Memory Built-In Self-Test (MBIST) for testing memories at boot time.
Trace
Embedded Trace Macrocell (ETM), compliant with ETMv4.5, for
instruction and data trace.
Memory Protection Unit (MPU)
Two programmable MPUs controlled from EL1 and EL2 respectively, for
determining the attributes for each memory location including
permissions, type, and cacheability.
Memory Management Unit (MMU)
Fine-grained memory system control through virtual-to-physical address
mappings and memory attributes held in translation tables.
About the Cortex-R82 Processor
The Cortex-R82 processor is a high-performance, high-efficiency, multi-core, in-order,
superscalar processor for use in real-time embedded applications. The Cortex-R82
processor implements the Armv8-R AArch64 architecture.
Interfaces supported by the processor include:
AMBA 5 AXI
AMBA 4 AXI4-Stream
AMBA 4 APB
AMBA 4 ATB
AMBA CHI
Instruction ATB trace
Data ATB trace
AMBA ACE5-Lite
Q-channel
P-channel
CTI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com