Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CORTEX-R82 Datasheet(PDF) 5 Page - Arm Limited (or its affiliates).

Part # CORTEX-R82
Description  Arm Cortex-R82 Processor Datasheet
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARM [Arm Limited (or its affiliates).]
Direct Link  https://www.arm.com/
Logo ARM - Arm Limited (or its affiliates).

CORTEX-R82 Datasheet(HTML) 5 Page - Arm Limited (or its affiliates).

  CORTEX-R82 Datasheet HTML 1Page - Arm Limited (or its affiliates). CORTEX-R82 Datasheet HTML 2Page - Arm Limited (or its affiliates). CORTEX-R82 Datasheet HTML 3Page - Arm Limited (or its affiliates). CORTEX-R82 Datasheet HTML 4Page - Arm Limited (or its affiliates). CORTEX-R82 Datasheet HTML 5Page - Arm Limited (or its affiliates). CORTEX-R82 Datasheet HTML 6Page - Arm Limited (or its affiliates). CORTEX-R82 Datasheet HTML 7Page - Arm Limited (or its affiliates). CORTEX-R82 Datasheet HTML 8Page - Arm Limited (or its affiliates). CORTEX-R82 Datasheet HTML 9Page - Arm Limited (or its affiliates). Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
5
Instruction Fetch Unit
The Instruction Fetch Unit (IFU) fetches instructions from the Instruction Tightly Coupled
Memory (ITCM), from the Low Latency RAM (LLRAM) port, or from the Main Master (MM)
port. The IFU predicts the outcome of branches in the instruction stream and passes the
instructions to the Data Processing Unit (DPU) for processing.
Data Processing Unit
The DPU decodes and executes instructions. It executes instructions that require data
transfer to or from the memory system by interfacing to the Load Store Unit (LSU). The DPU
includes the Generic Interrupt Controller (GIC) CPU interface, the Performance Monitoring
Unit (PMU) and the Advanced SIMD and floating-point support.
GIC CPU interface
The GIC CPU interface, when integrated with an external distributor component,
is a resource for supporting and managing interrupts in a cluster system.
PMU
The PMU provides six event counters that can be configured to gather statistics on the
operation of each core and the memory system. The information can be used for debug
and code profiling.
Advanced SIMD and floating-point support
Advanced SIMD is a media and signal processing architecture that adds instructions primarily
for audio, video, 3D graphics, image, speech processing, and machine learning. The
floating-point architecture provides support for half-precision, single-precision, and
double-precision floating-point operations. The Advanced SIMD architecture, its associated
implementations, and supporting software, are also referred to as Arm Neon™ technology.
Memory System
The Cortex-R82 processor memory system provides various memories and interfaces each
tailored to different requirements. The aim is to use some memories and interfaces for more
critical real-time requirements and some for less critical real-time requirements. However, the
more real-time critical context is also able to access the less real-time critical interfaces and
memories although such an access might not be desirable depending on the system design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com