Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CORTEX-R82 Datasheet(PDF) 3 Page - Arm Limited (or its affiliates).

Part # CORTEX-R82
Description  Arm Cortex-R82 Processor Datasheet
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARM [Arm Limited (or its affiliates).]
Direct Link  https://www.arm.com/
Logo ARM - Arm Limited (or its affiliates).

CORTEX-R82 Datasheet(HTML) 3 Page - Arm Limited (or its affiliates).

  CORTEX-R82 Datasheet HTML 1Page - Arm Limited (or its affiliates). CORTEX-R82 Datasheet HTML 2Page - Arm Limited (or its affiliates). CORTEX-R82 Datasheet HTML 3Page - Arm Limited (or its affiliates). CORTEX-R82 Datasheet HTML 4Page - Arm Limited (or its affiliates). CORTEX-R82 Datasheet HTML 5Page - Arm Limited (or its affiliates). CORTEX-R82 Datasheet HTML 6Page - Arm Limited (or its affiliates). CORTEX-R82 Datasheet HTML 7Page - Arm Limited (or its affiliates). CORTEX-R82 Datasheet HTML 8Page - Arm Limited (or its affiliates). CORTEX-R82 Datasheet HTML 9Page - Arm Limited (or its affiliates). Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
3
About the Cortex-R82 Processor
The processor has optional:
Tightly Coupled Memories (TCMs) that are private to each core, an ITCM for
instructions and literal pool data and a DTCM for data.
Shared (between all cores), and unified (instructions and data) L2 cache.
Shared AXI5 256-bit Low-latency RAM (LLRAM) port for instruction and
data access.
Shared AXI5 64-bit Shared Peripheral Port (SPP) for peripheral access.
Per-core AXI5 32-bit Low-latency Peripheral Port (LLPP) for peripheral access.
Error Correcting Code (ECC), Single Error Correct Double Error Detect (SECDED)
or Double Error Detect (DED) protection for all instantiated cache tag and data
RAMs and the TCM RAMs.
Support for integrating CoreSight Embedded Logic Analyzer, ELA-600 for advanced
debug capability and signal observability.
Block Diagram
Figure 2: Cortex-
R82 processor components



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com