Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CORTEX-R82 Datasheet(PDF) 4 Page - Arm Limited (or its affiliates).

Part # CORTEX-R82
Description  Arm Cortex-R82 Processor Datasheet
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARM [Arm Limited (or its affiliates).]
Direct Link  https://www.arm.com/
Logo ARM - Arm Limited (or its affiliates).

CORTEX-R82 Datasheet(HTML) 4 Page - Arm Limited (or its affiliates).

  CORTEX-R82 Datasheet HTML 1Page - Arm Limited (or its affiliates). CORTEX-R82 Datasheet HTML 2Page - Arm Limited (or its affiliates). CORTEX-R82 Datasheet HTML 3Page - Arm Limited (or its affiliates). CORTEX-R82 Datasheet HTML 4Page - Arm Limited (or its affiliates). CORTEX-R82 Datasheet HTML 5Page - Arm Limited (or its affiliates). CORTEX-R82 Datasheet HTML 6Page - Arm Limited (or its affiliates). CORTEX-R82 Datasheet HTML 7Page - Arm Limited (or its affiliates). CORTEX-R82 Datasheet HTML 8Page - Arm Limited (or its affiliates). CORTEX-R82 Datasheet HTML 9Page - Arm Limited (or its affiliates). Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
4
Cortex-R82 Components
The Cortex-R82 processor system includes two top-level modules:
The Cortex-R82 processor
The DebugBlock
The DebugBlock is separated from the Cortex-R82 processor to allow the implementation of
the debug components in an always-on power domain, enabling debug over power-down.
Power Policy Units
The Cortex-R82 processor includes one Power Policy Unit (PPU) per core and one PPU for
the processor cluster that control power modes and resets. The PPUs can be programmed to
directly select a specific power mode or to autonomously switch between power modes within
a specified range, based on the requirements of the processor. The PPUs can be programmed
using the Utility bus, either by a System Control Processor (SCP) or by the Cortex-R82
processor (through a loopback connection).
Shared Bridge
The Shared Bridge (SB) decouples the DebugBlock and other components in the system from
the CPU bridge in each core. The SB includes clock and power control logic for the cluster and
interacts with the L2 coherency logic for SCLK clock gating.
L2 coherency logic
The L2 coherency logic maintains coherency between all the cores and caches within the
cluster for the Main Master (MM) port accesses. It contains buffers that can handle direct
cache-to-cache transfers between cores without having to read or write data to the L2
cache. Cache-line migration enables dirty cache lines to be moved between cores. There is no
requirement to write back transferred cache-line data to the L2 cache.
CPU bridges
The CPU bridges control buffering between the cores within the Cortex-R82 processor.
Clock and power management
The cluster supports a set of power-saving modes that are controlled by an external power
controller. The modes are selected through power-mode requests on P-Channels, for each of
the cores, and a separate P-Channel for the Cortex-R82 processor. Clock gating is supported
through Q-Channel requests from an external clock controller to the Cortex-R82 processor.
The Q-Channels allow individual control of the SCLK, PCLK, and ATCLK clock inputs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com