Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CORTEX-R82 Datasheet(PDF) 6 Page - Arm Limited (or its affiliates).

Part # CORTEX-R82
Description  Arm Cortex-R82 Processor Datasheet
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARM [Arm Limited (or its affiliates).]
Direct Link  https://www.arm.com/
Logo ARM - Arm Limited (or its affiliates).

CORTEX-R82 Datasheet(HTML) 6 Page - Arm Limited (or its affiliates).

Back Button CORTEX-R82 Datasheet HTML 2Page - Arm Limited (or its affiliates). CORTEX-R82 Datasheet HTML 3Page - Arm Limited (or its affiliates). CORTEX-R82 Datasheet HTML 4Page - Arm Limited (or its affiliates). CORTEX-R82 Datasheet HTML 5Page - Arm Limited (or its affiliates). CORTEX-R82 Datasheet HTML 6Page - Arm Limited (or its affiliates). CORTEX-R82 Datasheet HTML 7Page - Arm Limited (or its affiliates). CORTEX-R82 Datasheet HTML 8Page - Arm Limited (or its affiliates). CORTEX-R82 Datasheet HTML 9Page - Arm Limited (or its affiliates). CORTEX-R82 Datasheet HTML 10Page - Arm Limited (or its affiliates). Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
6
The Cortex-R82 processor has:
A shared Main Master (MM) port implemented as AXI5 256-bit providing access for
instructions, data, and peripherals. This interface can optionally be a 256-bit
CHI-E interface.
An optional AXI5 256-bit shared Low-latency RAM (LLRAM) port providing
low-latency access for instructions, data, and peripherals. (Optional here means that
the logic is always present, but it can be disabled.)
An ACE5-Lite 128-bit shared slave main Accelerator Coherency Port (ACP) for
external access to MM address ranges. ACP enables I/O coherency for external
agents with the per-core L1 data cache and shared L2 cache.
An optional AXI5 64-bit Shared Peripheral Port (SPP) for providing access to
peripherals. (Optional here means that the logic is always present,
but it can be disabled.)
A 128-bit shared AXI-S port used for two purposes:
-
As an LLRAM Accelerator Coherency Port enabling I/O coherent external
access to the LLRAM port.
-
As a TCM slave enabling external agents to access the TCMs
within the cores.
An optional, shared, and unified 8-way L2 cache. The L2 cache can cache instructions
and data only from the MM port but not the LLRAM port. The L2 memory supports
cache maintenance operations according to the Arm architecture and memory
testing using MBIST.
64-byte cache lines for the L2 cache.
RAM testing using MBIST.
Each core within the Cortex-R82 processor has:
An optional AXI5 32-bit Low-latency Peripheral Port (LLPP) for providing
access to peripherals. (Optional here means that the logic is always present, but it
can be disabled.)
An optional Instruction Tightly Coupled Memory (ITCM) with configurable
size 0 Or from 16KB to 1MB in powers of 2. ITCM provides lowest-latency access
for instructions and data. (Optional here means that the logic is always present, but
the size can be 0.) ITCM is unified, that is, although it is optimized for instruction use,
it is also available for data. Optional wait-states are supported.
An optional Data Tightly Coupled Memory (DTCM) with configurable size 0 or from
16KB to 1MB in powers of 2. DTCM provides lowest-latency access for data only.
(Optional here means that the logic is always present, but the size can be 0.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com