Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA4VEN...Q1 Datasheet(PDF) 170 Page - Texas Instruments

Part # TDA4VEN...Q1
Description  TDA4VEN, TDA4AEN Jacinto™ Processors
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TDA4VEN...Q1 Datasheet(HTML) 170 Page - Texas Instruments

Back Button TDA4VEN...Q1 Datasheet HTML 166Page - Texas Instruments TDA4VEN...Q1 Datasheet HTML 167Page - Texas Instruments TDA4VEN...Q1 Datasheet HTML 168Page - Texas Instruments TDA4VEN...Q1 Datasheet HTML 169Page - Texas Instruments TDA4VEN...Q1 Datasheet HTML 170Page - Texas Instruments TDA4VEN...Q1 Datasheet HTML 171Page - Texas Instruments TDA4VEN...Q1 Datasheet HTML 172Page - Texas Instruments TDA4VEN...Q1 Datasheet HTML 173Page - Texas Instruments TDA4VEN...Q1 Datasheet HTML 174Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 170 / 236 page
background image
6.9.5.17.1 MCSPI — Controller Mode
Table 6-77, Figure 6-64, Table 6-78, and Figure 6-65 present timing requirements and switching characteristics
for SPI – Controller Mode.
Table 6-77. MCSPI Timing Requirements – Controller Mode
see Figure 6-64
NO.
PARAMETER
DESCRIPTION
MIN
MAX
UNIT
SM4
tsu(POCI-SPICLK)
Setup time, SPIn_D[x] valid before SPIn_CLK active edge
2.8
ns
SM5
th(SPICLK-POCI)
Hold time, SPIn_D[x] valid after SPIn_CLK active edge
3
ns
SPI_CS[i] (OUT)
SPI_SCLK (OUT)
SPI_SCLK (OUT)
SPI_D[x] (IN)
SPI_CS[i] (OUT)
SPI_SCLK (OUT)
SPI_SCLK (OUT)
SPI_D[x] (IN)
Bit n-1
Bit n-2
Bit n-3
Bit n-4
Bit 0
Bit n-1
Bit n-2
Bit n-3
Bit 1
Bit 0
PHA=0
EPOL=1
PHA=1
EPOL=1
POL=0
POL=1
POL=0
POL=1
SM8
SM9
SM3
SM1
SM2
SM1
SM8
SM9
SM3
SM1
SM2
SM1
SM2
SM3
SM2
SM3
SM4
SM5
SM4
SM5
SM4
SM4
SM5
SM5
SPRSP08_TIMING_McSPI_02
Figure 6-64. SPI Controller Mode Receive Timing
TDA4VEN-Q1, TDA4AEN-Q1
SPRSP96A – MARCH 2024 – REVISED SEPTEMBER 2024
www.ti.com
170
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TDA4VEN-Q1 TDA4AEN-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com