| Electronic Components Datasheet Search |
|
TDA4VEN...Q1 Datasheet(PDF) 58 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TDA4VEN...Q1 Datasheet(HTML) 58 Page - Texas Instruments |
|
58 / 236 page ![]() Table 5-26. GPIO0 Signal Descriptions (continued) SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] AMW PIN [4] GPIO0_72 (1) IO General Purpose Input/Output H21 GPIO0_73 IO General Purpose Input/Output AF25 GPIO0_74 IO General Purpose Input/Output AG26 GPIO0_75 IO General Purpose Input/Output AF27 GPIO0_76 IO General Purpose Input/Output AE23 GPIO0_77 IO General Purpose Input/Output AG25 GPIO0_78 IO General Purpose Input/Output AF24 GPIO0_79 IO General Purpose Input/Output AD23 GPIO0_80 IO General Purpose Input/Output AE27 GPIO0_81 IO General Purpose Input/Output AC25 GPIO0_82 IO General Purpose Input/Output AD27 GPIO0_83 IO General Purpose Input/Output AE24 GPIO0_84 IO General Purpose Input/Output AE26 GPIO0_85 IO General Purpose Input/Output AD25 GPIO0_86 IO General Purpose Input/Output AC24 (1) This GPIO input signal has a debounce function. For more information on I/O Debounce configuration, see the TRM Device Configuration chapter. Table 5-27. GPIO1 Signal Descriptions SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] AMW PIN [4] GPIO1_7 IO General Purpose Input/Output A25 GPIO1_8 IO General Purpose Input/Output A26 GPIO1_9 IO General Purpose Input/Output B25 GPIO1_10 IO General Purpose Input/Output F23 GPIO1_11 IO General Purpose Input/Output D25 GPIO1_12 IO General Purpose Input/Output C26 GPIO1_13 IO General Purpose Input/Output C27 GPIO1_14 IO General Purpose Input/Output F24 GPIO1_15 IO General Purpose Input/Output B20 GPIO1_16 (1) IO General Purpose Input/Output C20 GPIO1_17 IO General Purpose Input/Output D20 GPIO1_18 IO General Purpose Input/Output E19 GPIO1_19 IO General Purpose Input/Output E20 GPIO1_20 IO General Purpose Input/Output F19 GPIO1_21 IO General Purpose Input/Output F20 GPIO1_22 IO General Purpose Input/Output E22 GPIO1_23 IO General Purpose Input/Output B21 GPIO1_24 IO General Purpose Input/Output D22 GPIO1_25 IO General Purpose Input/Output C22 GPIO1_26 IO General Purpose Input/Output D23 GPIO1_27 IO General Purpose Input/Output B22 GPIO1_28 IO General Purpose Input/Output C24 GPIO1_29 IO General Purpose Input/Output A22 GPIO1_30 IO General Purpose Input/Output A23 GPIO1_31 (1) IOD General Purpose Input/Output B23 TDA4VEN-Q1, TDA4AEN-Q1 SPRSP96A – MARCH 2024 – REVISED SEPTEMBER 2024 www.ti.com 58 Submit Document Feedback Copyright © 2024 Texas Instruments Incorporated Product Folder Links: TDA4VEN-Q1 TDA4AEN-Q1 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |