| Electronic Components Datasheet Search |
|
TDA4VEN...Q1 Datasheet(PDF) 76 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TDA4VEN...Q1 Datasheet(HTML) 76 Page - Texas Instruments |
|
76 / 236 page ![]() Table 5-71. WKUP_TIMER Signal Descriptions (continued) SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] AMW PIN [4] WKUP_TIMER_IO1 IO Timer Inputs and Outputs (not tied to single timer instance) C12, C3 5.3.26 UART 5.3.26.1 MAIN Domain Table 5-72. UART0 Signal Descriptions SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] AMW PIN [4] UART0_CTSn I UART Clear to Send (active low) E22 UART0_RTSn O UART Request to Send (active low) B21 UART0_RXD I UART Receive Data F19 UART0_TXD O UART Transmit Data F20 Table 5-73. UART1 Signal Descriptions SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] AMW PIN [4] UART1_CTSn I UART Clear to Send (active low) A25 UART1_DCDn I UART Clear to Send (active low) D23 UART1_DSRn I UART Data Set Ready (active low) B22 UART1_DTRn O UART Data Terminal Ready (active low) D22 UART1_RIn I UART Ring Indicator C22 UART1_RTSn O UART Request to Send (active low) A26 UART1_RXD I UART Receive Data C24, C27 UART1_TXD O UART Transmit Data A22, F24 Table 5-74. UART2 Signal Descriptions SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] AMW PIN [4] UART2_CTSn I UART Clear to Send (active low) AC26, H23, V22 UART2_RTSn IO UART Request to Send (active low) AB23, H20, V23 UART2_RXD I UART Receive Data E22, H25, U27, W27 UART2_TXD IO UART Transmit Data B21, J23, U26, W25 Table 5-75. UART3 Signal Descriptions SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] AMW PIN [4] UART3_CTSn I UART Clear to Send (active low) A24, AC27 UART3_RTSn I UART Request to Send (active low) AB24, B24 UART3_RXD I UART Receive Data H24, V27, W24 UART3_TXD IO UART Transmit Data H22, V25, W23 Table 5-76. UART4 Signal Descriptions SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] AMW PIN [4] UART4_CTSn I UART Clear to Send (active low) AB27 UART4_RTSn O UART Request to Send (active low) AB26 UART4_RXD I UART Receive Data F26, P22, V26, W22 TDA4VEN-Q1, TDA4AEN-Q1 SPRSP96A – MARCH 2024 – REVISED SEPTEMBER 2024 www.ti.com 76 Submit Document Feedback Copyright © 2024 Texas Instruments Incorporated Product Folder Links: TDA4VEN-Q1 TDA4AEN-Q1 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |