| Electronic Components Datasheet Search |
|
TDA4VEN...Q1 Datasheet(PDF) 77 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TDA4VEN...Q1 Datasheet(HTML) 77 Page - Texas Instruments |
|
77 / 236 page ![]() Table 5-76. UART4 Signal Descriptions (continued) SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] AMW PIN [4] UART4_TXD O UART Transmit Data H21, P23, V24, W21 Table 5-77. UART5 Signal Descriptions SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] AMW PIN [4] UART5_CTSn I UART Clear to Send (active low) AA22, L22 UART5_RTSn O UART Request to Send (active low) AA23, L23 UART5_RXD I UART Receive Data D22, J27, K22, V22, Y26 UART5_TXD O UART Transmit Data C22, H27, J22, V23, Y27 Table 5-78. UART6 Signal Descriptions SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] AMW PIN [4] UART6_CTSn I UART Clear to Send (active low) AB25, M27 UART6_RTSn O UART Request to Send (active low) AA25, N27 UART6_RXD I UART Receive Data A25, AA24, B24, H26, L21, W26 UART6_TXD O UART Transmit Data A24, A26, AA27, F27, M26, N24 5.3.26.2 MCU Domain Table 5-79. MCU_UART0 Signal Descriptions SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] AMW PIN [4] MCU_UART0_CTSn I UART Clear to Send (active low) B5 MCU_UART0_RTSn O UART Request to Send (active low) C5 MCU_UART0_RXD I UART Receive Data B8 MCU_UART0_TXD O UART Transmit Data B4 5.3.26.3 WKUP Domain Table 5-80. WKUP_UART0 Signal Descriptions SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] AMW PIN [4] WKUP_UART0_CTSn I UART Clear to Send (active low) C4 WKUP_UART0_RTSn O UART Request to Send (active low) C3 WKUP_UART0_RXD I UART Receive Data B3 WKUP_UART0_TXD O UART Transmit Data C8 5.3.27 USB 5.3.27.1 MAIN Domain Table 5-81. USB0 Signal Descriptions SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] AMW PIN [4] USB0_DM IO USB 2.0 Differential Data (negative) AB5 USB0_DP IO USB 2.0 Differential Data (positive) AA6 www.ti.com TDA4VEN-Q1, TDA4AEN-Q1 SPRSP96A – MARCH 2024 – REVISED SEPTEMBER 2024 Copyright © 2024 Texas Instruments Incorporated Submit Document Feedback 77 Product Folder Links: TDA4VEN-Q1 TDA4AEN-Q1 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |