| Electronic Components Datasheet Search |
|
TDA4VEN...Q1 Datasheet(PDF) 57 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TDA4VEN...Q1 Datasheet(HTML) 57 Page - Texas Instruments |
|
57 / 236 page ![]() Table 5-26. GPIO0 Signal Descriptions (continued) SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] AMW PIN [4] GPIO0_28 IO General Purpose Input/Output V24 GPIO0_29 IO General Purpose Input/Output V22 GPIO0_30 IO General Purpose Input/Output V23 GPIO0_31 IO General Purpose Input/Output T23 GPIO0_32 IO General Purpose Input/Output N21 GPIO0_33 IO General Purpose Input/Output N22 GPIO0_34 IO General Purpose Input/Output N23 GPIO0_35 IO General Purpose Input/Output P27 GPIO0_36 IO General Purpose Input/Output P26 GPIO0_37 IO General Purpose Input/Output V21 GPIO0_38 IO General Purpose Input/Output W26 GPIO0_39 IO General Purpose Input/Output N24 GPIO0_40 IO General Purpose Input/Output N25 GPIO0_41 IO General Purpose Input/Output R27 GPIO0_42 IO General Purpose Input/Output P21 GPIO0_43 (1) IO General Purpose Input/Output P22 GPIO0_44 (1) IO General Purpose Input/Output P23 GPIO0_45 IO General Purpose Input/Output W27 GPIO0_46 IO General Purpose Input/Output W25 GPIO0_47 IO General Purpose Input/Output W24 GPIO0_48 IO General Purpose Input/Output W23 GPIO0_49 IO General Purpose Input/Output W22 GPIO0_50 IO General Purpose Input/Output W21 GPIO0_51 IO General Purpose Input/Output Y26 GPIO0_52 IO General Purpose Input/Output Y27 GPIO0_53 IO General Purpose Input/Output AA24 GPIO0_54 IO General Purpose Input/Output AA27 GPIO0_55 IO General Purpose Input/Output AA25 GPIO0_56 IO General Purpose Input/Output AB25 GPIO0_57 IO General Purpose Input/Output AA23 GPIO0_58 IO General Purpose Input/Output AA22 GPIO0_59 IO General Purpose Input/Output AB26 GPIO0_60 IO General Purpose Input/Output AB27 GPIO0_61 IO General Purpose Input/Output AB24 GPIO0_62 IO General Purpose Input/Output AC27 GPIO0_63 IO General Purpose Input/Output AB23 GPIO0_64 IO General Purpose Input/Output AC26 GPIO0_65 (1) IO General Purpose Input/Output J27 GPIO0_66 (1) IO General Purpose Input/Output H27 GPIO0_67 (1) IO General Purpose Input/Output G27 GPIO0_68 (1) IO General Purpose Input/Output G26 GPIO0_69 (1) IO General Purpose Input/Output H26 GPIO0_70 (1) IO General Purpose Input/Output F27 GPIO0_71 (1) IO General Purpose Input/Output F26 www.ti.com TDA4VEN-Q1, TDA4AEN-Q1 SPRSP96A – MARCH 2024 – REVISED SEPTEMBER 2024 Copyright © 2024 Texas Instruments Incorporated Submit Document Feedback 57 Product Folder Links: TDA4VEN-Q1 TDA4AEN-Q1 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |