Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA4VEN...Q1 Datasheet(PDF) 73 Page - Texas Instruments

Part # TDA4VEN...Q1
Description  TDA4VEN, TDA4AEN Jacinto™ Processors
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TDA4VEN...Q1 Datasheet(HTML) 73 Page - Texas Instruments

Back Button TDA4VEN...Q1 Datasheet HTML 69Page - Texas Instruments TDA4VEN...Q1 Datasheet HTML 70Page - Texas Instruments TDA4VEN...Q1 Datasheet HTML 71Page - Texas Instruments TDA4VEN...Q1 Datasheet HTML 72Page - Texas Instruments TDA4VEN...Q1 Datasheet HTML 73Page - Texas Instruments TDA4VEN...Q1 Datasheet HTML 74Page - Texas Instruments TDA4VEN...Q1 Datasheet HTML 75Page - Texas Instruments TDA4VEN...Q1 Datasheet HTML 76Page - Texas Instruments TDA4VEN...Q1 Datasheet HTML 77Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 236 page
background image
(2)
The functionality of these pins is controlled by SERDES1_LN0_CTRL.
5.3.24 System and Miscellaneous
5.3.24.1 Boot Mode Configuration
5.3.24.1.1 MAIN Domain
Table 5-62. Sysboot Signal Descriptions
SIGNAL NAME [1]
PIN TYPE
[2]
DESCRIPTION [3]
AMW PIN [4]
BOOTMODE00
I
Bootmode pin 0
R22
BOOTMODE01
I
Bootmode pin 1
R23
BOOTMODE02
I
Bootmode pin 2
R26
BOOTMODE03
I
Bootmode pin 3
T27
BOOTMODE04
I
Bootmode pin 4
T25
BOOTMODE05
I
Bootmode pin 5
T24
BOOTMODE06
I
Bootmode pin 6
T21
BOOTMODE07
I
Bootmode pin 7
T22
BOOTMODE08
I
Bootmode pin 8
U27
BOOTMODE09
I
Bootmode pin 9
U26
BOOTMODE10
I
Bootmode pin 10
V27
BOOTMODE11
I
Bootmode pin 11
V25
BOOTMODE12
I
Bootmode pin 12
V26
BOOTMODE13
I
Bootmode pin 13
V24
BOOTMODE14
I
Bootmode pin 14
V22
BOOTMODE15
I
Bootmode pin 15
V23
5.3.24.2 Clock
5.3.24.2.1 MCU Domain
Table 5-63. MCU Clock Signal Descriptions
SIGNAL NAME [1]
PIN TYPE
[2]
DESCRIPTION [3]
AMW PIN [4]
MCU_OSC0_XI
I
High frequency oscillator input
A5
MCU_OSC0_XO
O
High frequency oscillator output
A6
5.3.24.2.2 WKUP Domain
Table 5-64. WKUP Clock Signal Descriptions
SIGNAL NAME [1]
PIN TYPE
[2]
DESCRIPTION [3]
AMW PIN [4]
WKUP_LFOSC0_XI
I
Low frequency (32.768 KHz) oscillator input
A3
WKUP_LFOSC0_XO
O
Low frequency (32.768 KHz) oscillator output
A2
5.3.24.3 System
5.3.24.3.1 MAIN Domain
Table 5-65. System Signal Descriptions
SIGNAL NAME [1]
PIN TYPE
[2]
DESCRIPTION [3]
AMW PIN [4]
AUDIO_EXT_REFCLK0
IO
External clock input to McASP or output from McASP
E22, F23, W23
AUDIO_EXT_REFCLK1
IO
External clock input to McASP or output from McASP
B21, C26, N24
AUDIO_EXT_REFCLK2
IO
External clock input to McASP or output from McASP
W26
www.ti.com
TDA4VEN-Q1, TDA4AEN-Q1
SPRSP96A – MARCH 2024 – REVISED SEPTEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
73
Product Folder Links: TDA4VEN-Q1 TDA4AEN-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com