Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA4VEN...Q1 Datasheet(PDF) 63 Page - Texas Instruments

Part # TDA4VEN...Q1
Description  TDA4VEN, TDA4AEN Jacinto™ Processors
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TDA4VEN...Q1 Datasheet(HTML) 63 Page - Texas Instruments

Back Button TDA4VEN...Q1 Datasheet HTML 59Page - Texas Instruments TDA4VEN...Q1 Datasheet HTML 60Page - Texas Instruments TDA4VEN...Q1 Datasheet HTML 61Page - Texas Instruments TDA4VEN...Q1 Datasheet HTML 62Page - Texas Instruments TDA4VEN...Q1 Datasheet HTML 63Page - Texas Instruments TDA4VEN...Q1 Datasheet HTML 64Page - Texas Instruments TDA4VEN...Q1 Datasheet HTML 65Page - Texas Instruments TDA4VEN...Q1 Datasheet HTML 66Page - Texas Instruments TDA4VEN...Q1 Datasheet HTML 67Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 236 page
background image
Table 5-32. I2C2 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE
[2]
DESCRIPTION [3]
AMW PIN [4]
I2C2_SCL
IOD
I2C Clock
G26, P22
I2C2_SDA
IOD
I2C Data
G27, H27, P23
Table 5-33. I2C3 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE
[2]
DESCRIPTION [3]
AMW PIN [4]
I2C3_SCL
IOD
I2C Clock
E22, H26
I2C3_SDA
IOD
I2C Data
B21, F27
Table 5-34. I2C4 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE
[2]
DESCRIPTION [3]
AMW PIN [4]
I2C4_SCL
IOD
I2C Clock
D22, R27
I2C4_SDA
IOD
I2C Data
C22, P21
5.3.13.2 MCU Domain
Table 5-35. MCU_I2C0 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE
[2]
DESCRIPTION [3]
AMW PIN [4]
MCU_I2C0_SCL
IOD
I2C Clock
B13
MCU_I2C0_SDA
IOD
I2C Data
E11
5.3.13.3 WKUP Domain
Table 5-36. WKUP_I2C0 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE
[2]
DESCRIPTION [3]
AMW PIN [4]
WKUP_I2C0_SCL
IOD
I2C Clock
B9
WKUP_I2C0_SDA
IOD
I2C Data
D11
5.3.14 MCAN
5.3.14.1 MAIN Domain
Table 5-37. MCAN0 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE
[2]
DESCRIPTION [3]
AMW PIN [4]
MCAN0_RX
I
MCAN Receive Data
C22
MCAN0_TX
O
MCAN Transmit Data
D22
Table 5-38. MCAN1 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE
[2]
DESCRIPTION [3]
AMW PIN [4]
MCAN1_RX
I
MCAN Receive Data
A24, J23, P23
MCAN1_TX
O
MCAN Transmit Data
B24, H25, P22
www.ti.com
TDA4VEN-Q1, TDA4AEN-Q1
SPRSP96A – MARCH 2024 – REVISED SEPTEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
63
Product Folder Links: TDA4VEN-Q1 TDA4AEN-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com