Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA4VEN...Q1 Datasheet(PDF) 69 Page - Texas Instruments

Part # TDA4VEN...Q1
Description  TDA4VEN, TDA4AEN Jacinto™ Processors
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TDA4VEN...Q1 Datasheet(HTML) 69 Page - Texas Instruments

Back Button TDA4VEN...Q1 Datasheet HTML 65Page - Texas Instruments TDA4VEN...Q1 Datasheet HTML 66Page - Texas Instruments TDA4VEN...Q1 Datasheet HTML 67Page - Texas Instruments TDA4VEN...Q1 Datasheet HTML 68Page - Texas Instruments TDA4VEN...Q1 Datasheet HTML 69Page - Texas Instruments TDA4VEN...Q1 Datasheet HTML 70Page - Texas Instruments TDA4VEN...Q1 Datasheet HTML 71Page - Texas Instruments TDA4VEN...Q1 Datasheet HTML 72Page - Texas Instruments TDA4VEN...Q1 Datasheet HTML 73Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 236 page
background image
Table 5-55. OLDI0 Signal Descriptions (continued)
SIGNAL NAME [1]
PIN TYPE
[2]
DESCRIPTION [3]
AMW PIN [4]
OLDI0_A7N
IO
OLDI Differential Data (negative)
AB19
OLDI0_A7P
IO
OLDI Differential Data (positive)
AA20
OLDI0_CLK0N
IO
OLDI Differential Clock (negative)
AF21
OLDI0_CLK0P
IO
OLDI Differential Clock (positive)
AE20
OLDI0_CLK1N
IO
OLDI Differential Clock (negative)
AD20
OLDI0_CLK1P
IO
OLDI Differential Clock (positive)
AE19
5.3.20 OSPI
5.3.20.1 MAIN Domain
Table 5-56. OSPI0 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE
[2]
DESCRIPTION [3]
AMW PIN [4]
OSPI0_CLK
O
OSPI Clock
L24
OSPI0_DQS
I
OSPI Data Strobe (DQS) or Loopback Clock Input
L22
OSPI0_ECC_FAIL
I
OSPI ECC Status
J22
OSPI0_LBCLKO
IO
OSPI Loopback Clock Output
L23
OSPI0_CSn0
O
OSPI Chip Select 0 (active low)
K26
OSPI0_CSn1
O
OSPI Chip Select 1 (active low)
K23
OSPI0_CSn2
O
OSPI Chip Select 2 (active low)
K22
OSPI0_CSn3
O
OSPI Chip Select 3 (active low)
J22
OSPI0_D0
IO
OSPI Data 0
K27
OSPI0_D1
IO
OSPI Data 1
L27
OSPI0_D2
IO
OSPI Data 2
L26
OSPI0_D3
IO
OSPI Data 3
L25
OSPI0_D4
IO
OSPI Data 4
L21
OSPI0_D5
IO
OSPI Data 5
M26
OSPI0_D6
IO
OSPI Data 6
N27
OSPI0_D7
IO
OSPI Data 7
M27
OSPI0_RESET_OUT0
O
OSPI Reset
J22
OSPI0_RESET_OUT1
O
OSPI Reset
K22
5.3.21 Power Supply
Table 5-57. Power Supply Signal Descriptions
SIGNAL NAME [1]
PIN TYPE
[2]
DESCRIPTION [3]
AMW PIN [4]
CAP_VDDS0 (1)
CAP
External capacitor connection for IO group 0
H17
CAP_VDDS1 (1)
CAP
External capacitor connection for IO group 1
L19
CAP_VDDS2 (1)
CAP
External capacitor connection for IO group 2
U20
CAP_VDDS3 (1)
CAP
External capacitor connection for IO group 3
N20
CAP_VDDS5 (1)
CAP
External capacitor connection for IO group 5
G19
CAP_VDDS6 (1)
CAP
External capacitor connection for IO group 6
J20
CAP_VDDS_CANUART (1)
CAP
External capacitor connection for IO CANUART
H8
CAP_VDDS_MCU (1)
CAP
External capacitor connection for IO MCU
J10
VDDA_0P85_SERDES
PWR
SERDES analog supply
H12, H13
VDDA_0P85_SERDES_C
PWR
SERDES clock analog supply
J13
www.ti.com
TDA4VEN-Q1, TDA4AEN-Q1
SPRSP96A – MARCH 2024 – REVISED SEPTEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
69
Product Folder Links: TDA4VEN-Q1 TDA4AEN-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com