| Electronic Components Datasheet Search |
|
TDA4VEN...Q1 Datasheet(PDF) 66 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TDA4VEN...Q1 Datasheet(HTML) 66 Page - Texas Instruments |
|
66 / 236 page ![]() Table 5-45. MCASP4 Signal Descriptions (continued) SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] AMW PIN [4] MCASP4_AXR3 IO MCASP Serial Data (Input/Output) AB27 MCASP4_AXR4 IO MCASP Serial Data (Input/Output) AB24 MCASP4_AXR5 IO MCASP Serial Data (Input/Output) AC27 MCASP4_AXR6 IO MCASP Serial Data (Input/Output) AA25 MCASP4_AXR7 IO MCASP Serial Data (Input/Output) AB25 MCASP4_AXR8 IO MCASP Serial Data (Input/Output) G27 MCASP4_AXR9 IO MCASP Serial Data (Input/Output) G26 5.3.16 MCSPI 5.3.16.1 MAIN Domain Table 5-46. MCSPI0 Signal Descriptions SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] AMW PIN [4] SPI0_CLK IO SPI Clock D20 SPI0_CS0 IO SPI Chip Select 0 B20 SPI0_CS1 IO SPI Chip Select 1 C20 SPI0_CS2 IO SPI Chip Select 2 E22 SPI0_CS3 IO SPI Chip Select 3 B21 SPI0_D0 IO SPI Data 0 E19 SPI0_D1 IO SPI Data 1 E20 Table 5-47. MCSPI1 Signal Descriptions SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] AMW PIN [4] SPI1_CLK IO SPI Clock H22, M26 SPI1_CS0 IO SPI Chip Select 0 H24, L21 SPI1_CS1 IO SPI Chip Select 1 A24, K22 SPI1_CS2 IO SPI Chip Select 2 H20 SPI1_CS3 I SPI Chip Select 3 B24 SPI1_D0 IO SPI Data 0 H25, N27 SPI1_D1 IO SPI Data 1 J23, M27 Table 5-48. MCSPI2 Signal Descriptions SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] AMW PIN [4] SPI2_CLK IO SPI Clock A22, B24, F24 SPI2_CS0 IO SPI Chip Select 0 C27, D23, H22 SPI2_CS1 IO SPI Chip Select 1 C24, D25, H25 SPI2_CS2 IO SPI Chip Select 2 B22, B25, H24 SPI2_CS3 IO SPI Chip Select 3 A23, C26, J23 SPI2_D0 IO SPI Data 0 A25, F19, H20 SPI2_D1 IO SPI Data 1 A26, F20, H23 TDA4VEN-Q1, TDA4AEN-Q1 SPRSP96A – MARCH 2024 – REVISED SEPTEMBER 2024 www.ti.com 66 Submit Document Feedback Copyright © 2024 Texas Instruments Incorporated Product Folder Links: TDA4VEN-Q1 TDA4AEN-Q1 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |