Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STM32MP255CAL3 Datasheet(PDF) 218 Page - STMicroelectronics

Part # STM32MP255CAL3
Description  Arm® based dual Cortex®-A35 1.5 GHz Cortex®-M33 MPU, AI, 3D GPU, video encoder/decoder, TFT/DSI/LVDS, USB 3.0, PCIe®, crypto
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP255CAL3 Datasheet(HTML) 218 Page - STMicroelectronics

Back Button STM32MP255CAL3 Datasheet HTML 214Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 215Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 216Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 217Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 218Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 219Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 220Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 221Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 222Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 218 / 241 page
background image
Table 127. TFBGA361 - Mechanical data
Symbol
millimeters
inches(1)
Min
Typ
Max
Min
Typ
Max
A(2)
-
-
1.20
-
-
0.0472
A1(3)
0.240
-
-
0.0094
-
-
b(4)
0.380
0.430
0.480
0.0150
0.0169
0.0189
D
16.000 BSC(5)
0.6299 BSC
D1
14.400 BSC
0.5669 BSC
E
16.000 BSC
0.6299 BSC
E1
14.400 BSC
0.5669 BSC
e(6)
0.800 BSC
0.0315 BSC
N(7)
361
aaa(8)
0.150 BSC
0.0059 BSC
ccc(8)
0.200 BSC
0.0079 BSC
ddd(8)
0.150 BSC
0.0059 BSC
eee(8)
0.150 BSC
0.0059 BSC
fff(8)
0.080 BSC
0.0031 BSC
1. Values in inches are converted from mm and rounded to four decimal digits.
2. The profile height, A, is the distance from the seating plane to the highest point on the package. It is measured
perpendicular to the seating plane.
3. A1 is defined as the distance from the seating plane to the lowest point on the package body.
4. Dimension b is measured at the maximum diameter of the terminal (ball) in a plane parallel to primary datum C.
5. BSC stands for BASIC dimensions. It corresponds to the nominal value and has no tolerance.
6. e represents the solder ball grid pitch.
7. N represents the total number of balls on the BGA.
8. Tolerance of form and position definitions.
7.3
VFBGA361 package information (B09U)
This VFBGA is a 361-ball, 10 x 10 mm, very thin fine pitch ball grid array package.
STM32MP251C/F STM32MP253C/F STM32MP255C/F STM32MP257C/F
Package information
DS14284 - Rev 3
page 218/241



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com