Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STM32MP255CAL3 Datasheet(PDF) 124 Page - STMicroelectronics

Part # STM32MP255CAL3
Description  Arm® based dual Cortex®-A35 1.5 GHz Cortex®-M33 MPU, AI, 3D GPU, video encoder/decoder, TFT/DSI/LVDS, USB 3.0, PCIe®, crypto
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP255CAL3 Datasheet(HTML) 124 Page - STMicroelectronics

Back Button STM32MP255CAL3 Datasheet HTML 120Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 121Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 122Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 123Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 124Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 125Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 126Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 127Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 128Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 241 page
background image
Symbol
Parameter
Conditions
Typ
Max
Unit
-
D1 (CPU1)(1)
mode
D2
(CPU2)
mode
D3
(CPU3)
mode
Osc.
CPU1
clk
(MHz)
AXI
clk
(MHz)
(2)
CPU2
clk
(MHz)
CPU3
clk
(MHz)
GPU
clk
(MHz)
TJ =
25 °C
TJ =
25 °C
TJ =
85 °C
TJ =
105 °C
TJ =
125 °C
IDDA18AON
Supply current in
Run mode
(VDD = 3.3 V)
All
peripherals
Disabled
DStandby
(CStandby)(5)
(6)
Run2
(CRun)
SRun1
(CRun)
HSI
-
HSI 64
HSI
64
HSI
64
-
455
530
550
560
600
μA
1. P0 and P1 are state of cores inside CPU1 when in CRun state. 'P0&P1' indicate that both cores are executing a test software. 'P0' indicate that only P0 is executing a test software
while other core is clock gated (either in WFI or WFE or not present in the device).
2. ck_icn_ddr.
3. Typical value given with VDDCPU = 0.91 V, maximum values given with VDDCPU = 0.935 V.
4. Typical value given with VDDGPU = 0.9 V, maximum values given with VDDGPU = 0.961 V.
5. CStandby = CStop and PDDS_D1 = 1.
6. VDDCPU is shutdown.
Table 28. Current consumption (IBAT) in Run modes
Evaluated by characterization, not tested in production unless otherwise specified.
VSW supplied by VDD.
Symbol
Parameter
Conditions
Typ
Max
Unit
VBAT voltage
TJ = 25 °C
TJ = 25 °C
TJ = 85 °C
TJ = 105 °C
TJ = 125 °C
IBAT
Supply current in Run mode (VDD = 1.8 V)
VBAT = 3.0 V
5
5.2
6.1
7.1
9.4
μA
VBAT = 3.3 V
5.75
5.9
6.9
8
11
IBAT
Supply current in Run mode (VDD= 3.3 V)
VBAT = 3.0 V
5
5.1
4.3
3.4
1.3
μA
VBAT = 3.3 V
5.7
5.8
6
6
6.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com