Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STM32MP255CAL3 Datasheet(PDF) 109 Page - STMicroelectronics

Part # STM32MP255CAL3
Description  Arm® based dual Cortex®-A35 1.5 GHz Cortex®-M33 MPU, AI, 3D GPU, video encoder/decoder, TFT/DSI/LVDS, USB 3.0, PCIe®, crypto
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP255CAL3 Datasheet(HTML) 109 Page - STMicroelectronics

Back Button STM32MP255CAL3 Datasheet HTML 105Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 106Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 107Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 108Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 109Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 110Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 111Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 112Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 113Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 241 page
background image
•
BKPSRAM, RETRAM, LPSRAM1 backup supplies in low-power modes (such as LPLV-Stop, Standby and
VBAT modes) are disabled, unless otherwise specified
•
Unless otherwise specified, the typical values are obtained for:
–
VDD / VDDIOx/VBAT = 3.3 V
–
VDDCORE = 0.82 V
–
VDDCPU = 0.8 V
–
VDDGPU = 0.8 V
–
VDDA18 / VDDA18AON = 1.8 V
and the maximum values are obtained for:
–
VDD / VDDIOx / VBAT = 3.6 V
–
VDDCORE = 0.842 V
–
VDDCPU = 0.842 V
–
VDDGPU = 0.839 V
–
VDDA18 / VDDA18AON = 1.89 V
The parameters given in Table 22 to Table 34 are derived from tests performed under supply voltage conditions
summarized in Table 17. General operating conditions .
STM32MP251C/F STM32MP253C/F STM32MP255C/F STM32MP257C/F
Electrical characteristics
DS14284 - Rev 3
page 109/241



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com