Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LOG300 Datasheet(PDF) 23 Page - Texas Instruments

Part # LOG300
Description  LOG300 40MHz, 98dB Logarithmic Detector With Integrated Low-Noise Amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LOG300 Datasheet(HTML) 23 Page - Texas Instruments

Back Button LOG300 Datasheet HTML 19Page - Texas Instruments LOG300 Datasheet HTML 20Page - Texas Instruments LOG300 Datasheet HTML 21Page - Texas Instruments LOG300 Datasheet HTML 22Page - Texas Instruments LOG300 Datasheet HTML 23Page - Texas Instruments LOG300 Datasheet HTML 24Page - Texas Instruments LOG300 Datasheet HTML 25Page - Texas Instruments LOG300 Datasheet HTML 26Page - Texas Instruments LOG300 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 32 page
background image
8.2.1.3 Application Curves
Time (200
sec/div)
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
Tx Pulse
Rx Pulse
 = 311.5s = 5.3cm
Figure 8-2. Log_Out Response for Ultrasonic
Distance Measurement
Frequency (Hz)
-25
-22.5
-20
-17.5
-15
-12.5
-10
-7.5
-5
-2.5
0
100k
1M
10M
-25
-22.5
-20
-17.5
-15
-12.5
-10
-7.5
-5
-2.5
0
-4.33dB
Figure 8-3. Band-Pass Filter Frequency Response
8.3 Power Supply Recommendations
The LOG300 contains two supply pins. The analog power supply pin (VCC) and the frequency detect block
supply pin (Freq_Supply). Both pins can be biased at any voltage between 3V to 5.25V with respect to the
AGND. While both these pins are connected to different circuitry internally, TI recommends to connect both of
these pins to the same potential. Provide separate decoupling capacitors, resistors, and ferrite beads to these
supply pins (see Section 8.4.2) to maintain sufficient immunity against cross coupling.
The LOG300 is sensitive to the noise coupling through the supply pins. Use a low-pass filter on the supply line
with a cutoff frequency less than the incoming frequency signal.
For example if the incoming signal is 100kHz, and the band-pass filter has been tuned to achieve a center
frequency of 100kHz, design a RC filter on the supply with a cut off frequency of at least 10kHz. For a higher
signal frequency the RC values start diminishing to smaller values and hence the cut off frequency can be
parked to any appropriate value.
An external band-pass filter if used between the LNA and the LOG detector block, along with a low-pass filter on
the supply pins provides enough power-supply rejection to keep Log_Out unaffected.
www.ti.com
LOG300
SLOSEB7A – SEPTEMBER 2024 – REVISED OCTOBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
23
Product Folder Links: LOG300



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com