Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LOG300 Datasheet(PDF) 6 Page - Texas Instruments

Part # LOG300
Description  LOG300 40MHz, 98dB Logarithmic Detector With Integrated Low-Noise Amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LOG300 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LOG300 Datasheet HTML 2Page - Texas Instruments LOG300 Datasheet HTML 3Page - Texas Instruments LOG300 Datasheet HTML 4Page - Texas Instruments LOG300 Datasheet HTML 5Page - Texas Instruments LOG300 Datasheet HTML 6Page - Texas Instruments LOG300 Datasheet HTML 7Page - Texas Instruments LOG300 Datasheet HTML 8Page - Texas Instruments LOG300 Datasheet HTML 9Page - Texas Instruments LOG300 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
5.5 Electrical Characteristics Low Noise Amplifier (LNA)
at TA = 25°C, VCC = 3.3V to 5V, LNA_Out = 1kΩ to AGND, RSOURCE = 50Ω, and input ac coupling capacitor (CIN) = 10nF
(unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DC PERFORMANCE
GLNA
Internal gain
11
V/V
Internal gain error
TA = –40°C to +125°C
±0.8
±1
%
AC PERFORMANCE
SSBW
Small-signal bandwidth
LNA_Out = 20mVPP
39
MHz
LSBW
Large-signal bandwidth
36
MHz
SR
Slew rate
2V step at LNA_Out
200
V/µs
Total input referred noise
f > 100kHz, includes gain and bias resistors
2.6
nV/√Hz
Overdrive recovery time
2 × output overdrive
1
µs
Capacitive drive(1)
< 3dB of peaking
∞
nF
INPUT
VLNA_In
Linear input voltage
VCC = 5V
200
mVP
VCC = 3.3V
140
VBIAS
Internal bias voltage
At LNA_In, TA = –40°C to +125°C
VCC ×
0.044
mV
Input impedance of LNA
1.7 || 1.8
kΩ || pF
OUTPUT
Output bias point of LNA
LNA_In = open
VBIAS × 11
V
Output impedance of LNA
0.850
1
1.150
kΩ
POWER SUPPLY
Quiescent operating current
LNA_Out = Open
2
2.7
mA
TA = –40°C to +125°C
3
POWER DOWN
LNA enable voltage threshold
VCC −
1.2
V
LNA disable voltage threshold
GND + 0.6
V
Turn-on time
Time from disable to enable
50
µs
Turn off time
Time from enable to disable
130
ns
(1)
Infinite capacitive drive possible due to presence of 1kΩ of isolation resistor
LOG300
SLOSEB7A – SEPTEMBER 2024 – REVISED OCTOBER 2024
www.ti.com
6
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: LOG300



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com