Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LOG300 Datasheet(PDF) 18 Page - Texas Instruments

Part # LOG300
Description  LOG300 40MHz, 98dB Logarithmic Detector With Integrated Low-Noise Amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LOG300 Datasheet(HTML) 18 Page - Texas Instruments

Back Button LOG300 Datasheet HTML 14Page - Texas Instruments LOG300 Datasheet HTML 15Page - Texas Instruments LOG300 Datasheet HTML 16Page - Texas Instruments LOG300 Datasheet HTML 17Page - Texas Instruments LOG300 Datasheet HTML 18Page - Texas Instruments LOG300 Datasheet HTML 19Page - Texas Instruments LOG300 Datasheet HTML 20Page - Texas Instruments LOG300 Datasheet HTML 21Page - Texas Instruments LOG300 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 32 page
background image
7 Detailed Description
7.1 Overview
The LOG300 is a highly sensitive analog front-end system for power measurements of up to 40MHz signals
with a typical dynamic range of 98dB. The LOG300 is intended for use in a wide variety of applications like
ultrasonic Rx signal chains, amplitude demodulation, signal power measurement, grid monitoring and so on. The
LOG300 provides an analog envelope of an amplitude proportional to the log of the input signal. This behavior
provides the application circuit precise input signal amplitude measurement without the need of high-speed
signal acquisition components. The integrated frequency-detect feature enables zero-crossing and frequency
measuring capability of the incoming signal.
7.2 Functional Block Diagram
+
–
Log Detector
Low-Noise
Amplifier
Log_Out
Freq_Out
LNA_Out
LNA_In
Log_Inp Ref_Res
Log_Inm
1.7V
VBIAS
Buffers
× 2
× 2
VCC
2k
1.7kΩ
40.5kΩ
1kΩ
200
1.8kΩ
7.3 Feature Description
7.3.1 Offset Correction Loop (OCL)
The LOG300 comes with an internal offset correction loop (OCL) designed to correct for any small offset voltage
errors due to external factors or due to the internal gain mismatch. The LOG300 internal gain blocks offer
very high gain; therefore, any small error voltage is sufficient to saturate the respective gain block resulting in
degradation of dynamic range.
The Offset_Cap (see Section 6) sets the time constant of the offset correction loop. Set the value of the OCL
pole to less than the incoming signal frequency so that the OCL does not respond to the incoming signal. Use
the following formula to calculate the value of Offset_Cap based on the frequency of the incoming signal.
COffset_Cap nF ≥
6000
Frequencyofinputsignal kHz
(1)
Where
• Offset capacitor must never be less than 1nF. If the formula yields a value of COffset_Cap less than 1nF, use
1nF.
• Using a value of COffset_Cap greater than the calculated value using above equation is acceptable since the
OCL loop is set to a lower frequency.
LOG300
SLOSEB7A – SEPTEMBER 2024 – REVISED OCTOBER 2024
www.ti.com
18
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: LOG300



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com