Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LOG300 Datasheet(PDF) 19 Page - Texas Instruments

Part # LOG300
Description  LOG300 40MHz, 98dB Logarithmic Detector With Integrated Low-Noise Amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LOG300 Datasheet(HTML) 19 Page - Texas Instruments

Back Button LOG300 Datasheet HTML 15Page - Texas Instruments LOG300 Datasheet HTML 16Page - Texas Instruments LOG300 Datasheet HTML 17Page - Texas Instruments LOG300 Datasheet HTML 18Page - Texas Instruments LOG300 Datasheet HTML 19Page - Texas Instruments LOG300 Datasheet HTML 20Page - Texas Instruments LOG300 Datasheet HTML 21Page - Texas Instruments LOG300 Datasheet HTML 22Page - Texas Instruments LOG300 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 32 page
background image
7.3.2 Single and Differential Input
The Log Detector block of the LOG300 supports both single-ended and differential input signals. Irrespective of
the type of input signal, the impedances from the Log_Inp and Log_Inm pins to AGND have to be matched.
The requirement for impedance matching arises from the fact that any supply noise or externally coupled noise
passes through these impedances and generates an input voltage. If the impedances are mismatched at the two
inputs a differential voltage is seen by the Log Detector block thereby increasing the minimum output voltage at
the Log_Out pin. This results in degradation of the dynamic range.
Impedance matching for differential input case can be easily achieved by replicating source impedance on both
pins.
However for single-ended inputs, impedance matching can be quite complex. If board space is not limited TI
recommends to copy the input structure at the Log_Inp pin as, is on to the Log_Inm input. Please take note of
the default internal output impedance of the LNA of 1kΩ when copying the structure to the Log_Inm pin.
If the above recommendation is not possible, match the impedances between the two pins at the frequency with
the highest probability of noise coupling. For example if the VCC supply is being derived by a DC/DC converter
switching at a frequency of 500kHz, using option 1 gives the best impedance matching between Log_Inp and
Log_Inm. If the VCC ripple is at 100kHz then both option 1 and option 2 result in the same rejection response.
1k
330pF
1nF
70µH
1nF
1nF
LNA
Log_Inp
Log_Inm
AGND
Log Detector
Option 1
Option 2
70µH
Impedance, looking
into BPF structure
Impedance, looking
into Option 1 and
Option 2 structure
AFE design with BPF of 1MHz
Figure 7-1. Impedance Structure at Log_Inp and
Log_Inm
Frequency (Hz)
-200
0
200
400
600
800
1000
1200
1400
1600
1800
1k
10k
100k
1M
10M
100M
-200
0
200
400
600
800
1000
1200
1400
1600
1800
Z looking into
BPF from Inp
option 1 from Inm
option 2 from Inm
Figure 7-2. Impedance vs Frequency at Log_Inp
and Log_Inm
www.ti.com
LOG300
SLOSEB7A – SEPTEMBER 2024 – REVISED OCTOBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
19
Product Folder Links: LOG300



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com