Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LOG300 Datasheet(PDF) 17 Page - Texas Instruments

Part # LOG300
Description  LOG300 40MHz, 98dB Logarithmic Detector With Integrated Low-Noise Amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LOG300 Datasheet(HTML) 17 Page - Texas Instruments

Back Button LOG300 Datasheet HTML 13Page - Texas Instruments LOG300 Datasheet HTML 14Page - Texas Instruments LOG300 Datasheet HTML 15Page - Texas Instruments LOG300 Datasheet HTML 16Page - Texas Instruments LOG300 Datasheet HTML 17Page - Texas Instruments LOG300 Datasheet HTML 18Page - Texas Instruments LOG300 Datasheet HTML 19Page - Texas Instruments LOG300 Datasheet HTML 20Page - Texas Instruments LOG300 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
6 Parameter Measurement Information
+
–
Log Detector
Low-Noise
Amplifier
Log_Out
Freq_Out
LNA_In
Ref_Res
Log_Inm
1.7V
VBIAS
Buffers
× 2
× 2
VCC
2kΩ
1.7kΩ
40.5kΩ
1kΩ
200Ω
1.8kΩ
LNA_En
Freq_Supply
AFE_En
Offset_Cap
CIN
COffset_cap
VCC
CIN
SMA100
Set Value of CIN based
on i/p frequency and
LNA_In impedance
AGND
50Ω
DGND
DMM-
34461A
AGND
RF
CF
56kΩ
AC
Cap
LNA_Out Log_Inp
AGND
External BPF
Figure 6-1. AFE (LNA + Log Detector) Slope Characterization
+
–
Log Detector
Low-Noise
Amplifier
Log_Out
Freq_Out
LNA_In
Ref_Res
Log_Inm
1.7V
VBIAS
Buffers
× 2
× 2
VCC
2kΩ
1.7kΩ
40.5kΩ
1kΩ
200Ω
1.8kΩ
LNA_En
Freq_Supply
AFE_En
Offset_Cap
CIN
COffset_cap
VCC
DGND
DMM-
34461A
AGND
RF
CF
56kΩ
LNA_Out Log_Inp
AGND
VCC
CIN 10nF
SMA100
Set Value of CIN based
on source frequency
and Log_Inp impedance
AGND
50Ω
RLOAD
CLOAD
RLOAD
CLOAD
Figure 6-2. Log Detector Slope Characterization
+
–
Log Detector
Low-Noise
Amplifier
Log_Out
Freq_Out
LNA_In
Ref_Res
Log_Inm
1.7V
VBIAS
Buffers
× 2
× 2
VCC
2kΩ
1.7kΩ
40.5kΩ
1kΩ
200Ω
1.8kΩ
LNA_En
Freq_Supply
AFE_En
Offset_Cap
CIN
10nF
COffset_cap
470nF
VCC
DGND
DMM-
34461A
AGND
RF
CF
56kΩ
10nF
LNA_Out Log_Inp
AGND
VCC
Figure 6-3. Log Detector Minimum Output Voltage Measurement
www.ti.com
LOG300
SLOSEB7A – SEPTEMBER 2024 – REVISED OCTOBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
17
Product Folder Links: LOG300



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com