Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LOG300 Datasheet(PDF) 2 Page - Texas Instruments

Part # LOG300
Description  LOG300 40MHz, 98dB Logarithmic Detector With Integrated Low-Noise Amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LOG300 Datasheet(HTML) 2 Page - Texas Instruments

  LOG300 Datasheet HTML 1Page - Texas Instruments LOG300 Datasheet HTML 2Page - Texas Instruments LOG300 Datasheet HTML 3Page - Texas Instruments LOG300 Datasheet HTML 4Page - Texas Instruments LOG300 Datasheet HTML 5Page - Texas Instruments LOG300 Datasheet HTML 6Page - Texas Instruments LOG300 Datasheet HTML 7Page - Texas Instruments LOG300 Datasheet HTML 8Page - Texas Instruments LOG300 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
Table of Contents
1 Features............................................................................1
2 Applications..................................................................... 1
3 Description.......................................................................1
4 Pin Configuration and Functions...................................3
5 Specifications.................................................................. 4
5.1 Absolute Maximum Ratings ....................................... 4
5.2 ESD Ratings............................................................... 4
5.3 Recommended Operating Conditions.........................4
5.4 Thermal Information....................................................5
5.5 Electrical Characteristics Low Noise Amplifier
(LNA) ............................................................................ 6
5.6 Electrical Characteristics Log Detector....................... 7
5.7 Electrical Characteristics LNA + Log Detector
(AFE)............................................................................. 9
5.8 Typical Characteristics: VCC = 5V............................10
5.9 Typical Characteristics: VCC = 3.3V ........................16
6 Parameter Measurement Information.......................... 17
7 Detailed Description......................................................18
7.1 Overview................................................................... 18
7.2 Functional Block Diagram......................................... 18
7.3 Feature Description...................................................18
7.4 Device Functional Modes..........................................20
8 Application and Implementation.................................. 21
8.1 Application Information............................................. 21
8.2 Typical Application.................................................... 21
8.3 Power Supply Recommendations.............................23
8.4 Layout....................................................................... 24
9 Device and Documentation Support............................25
9.1 Third-Party Products Disclaimer............................... 25
9.2 Receiving Notification of Documentation Updates....25
9.3 Support Resources................................................... 25
9.4 Trademarks...............................................................25
9.5 Electrostatic Discharge Caution................................25
9.6 Glossary....................................................................25
10 Revision History.......................................................... 25
11 Mechanical, Packaging, and Orderable
Information.................................................................... 25
LOG300
SLOSEB7A – SEPTEMBER 2024 – REVISED OCTOBER 2024
www.ti.com
2
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: LOG300



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com