Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LOG300 Datasheet(PDF) 20 Page - Texas Instruments

Part # LOG300
Description  LOG300 40MHz, 98dB Logarithmic Detector With Integrated Low-Noise Amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LOG300 Datasheet(HTML) 20 Page - Texas Instruments

Back Button LOG300 Datasheet HTML 16Page - Texas Instruments LOG300 Datasheet HTML 17Page - Texas Instruments LOG300 Datasheet HTML 18Page - Texas Instruments LOG300 Datasheet HTML 19Page - Texas Instruments LOG300 Datasheet HTML 20Page - Texas Instruments LOG300 Datasheet HTML 21Page - Texas Instruments LOG300 Datasheet HTML 22Page - Texas Instruments LOG300 Datasheet HTML 23Page - Texas Instruments LOG300 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 32 page
background image
7.3.3 Input Frequency Detect
The Log_Out pin creates an envelope proportional to the incoming signal; therefore, the frequency and phase
information of the input signal is lost. The frequency detect feature enables the LOG300 to recover this
frequency information. The frequency detect pin toggles at the same frequency as the input, and can therefore
be used to calculate the input signal frequency or the input signal zero crossing points.
The internal circuit consists of a comparator with one of the inputs connected to the pin Log_In bias voltage and
the other input of the comparator connected to the last stage of the Log Detector gain block (see Figure 7-3).
Log_In is ac coupled; therefore, the incoming signal is biased to the internal bias voltage.
The comparator compares the gained Log_In (both single-ended and differential) signal biased at the internal
bias voltage with the DC internal bias voltage, thereby toggling at every instance of a zero crossing. If the
incoming signal is not a symmetric waveform or consists of multiple frequency content, the frequency detect
feature compares the zero crossings of the incoming signal.
C
1.7k
1.7Vdc
+
–
1.7Vdc
DGND
Freq_Supply
Gain Block 1
Log_Inp
1.7Vdc
Comparator
Freq_Supply
Freq_Out
Log_Out
DGND
Gain Block 2 Gain Block 3 Gain Block N
1.7k
Figure 7-3. Internal Block Diagram for Frequency Detect
7.4 Device Functional Modes
The LOG300 offers three functional modes:
• AFE Disabled
– In this mode, the complete AFE (LOG300) is disabled and consumes only about 100µA.
• LNA Disabled
– In this mode, the LNA is disabled, while the Log Detector block is still operational. See Section 5.6 for
detailed parameters in this mode.
– Typically, this mode is used when the input sensitivity required is relaxed and the application prioritizes a
lower quiescent current. Disabling the LNA helps save 2mA of quiescent current originally consumed by
the LNA.
• Normal operating mode
– In this mode, all blocks of the LOG300 are operational. See Section 5.7 for detailed parameters such as
power consumption, acceptable supply, and input output range.
– This mode can be entered by floating the LNA_En and AFE_En pins or by tying them to VCC.
LOG300
SLOSEB7A – SEPTEMBER 2024 – REVISED OCTOBER 2024
www.ti.com
20
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: LOG300



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com