Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LOG300 Datasheet(PDF) 16 Page - Texas Instruments

Part # LOG300
Description  LOG300 40MHz, 98dB Logarithmic Detector With Integrated Low-Noise Amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LOG300 Datasheet(HTML) 16 Page - Texas Instruments

Back Button LOG300 Datasheet HTML 12Page - Texas Instruments LOG300 Datasheet HTML 13Page - Texas Instruments LOG300 Datasheet HTML 14Page - Texas Instruments LOG300 Datasheet HTML 15Page - Texas Instruments LOG300 Datasheet HTML 16Page - Texas Instruments LOG300 Datasheet HTML 17Page - Texas Instruments LOG300 Datasheet HTML 18Page - Texas Instruments LOG300 Datasheet HTML 19Page - Texas Instruments LOG300 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
5.9 Typical Characteristics: VCC = 3.3V
at TA = 25°C, VCC = 3.3V, CF = 1nF, RF = 30kΩ (slope = 30mV/dB) and Ref_Res = 1% 56kΩ, and 10nF capacitor to AGND
on Log_Inp and Log_Inm, (unless otherwise noted). For AFE, 2nd-order BPF centered around frequency "f" with gain = -7dB
used between LNA and Log Detector block.
Log_Inp (VP)
0
0.5
1
1.5
2
2.5
3
3.5
0.060.08
0.1
1
10
100
1m
10m
100m
1
1
10
100
1m
10m
100m
1
f = 40kHz
f = 1MHz
f = 16MHz
f = 20MHz
f = 40MHz
Figure 5-34. Log Detector output at Various Frequencies
Log_Inp (VP)
-6
-5
-4
-3
-2
-1
0
1
2
10
100
1m
10m
100m
1
f = 40kHz
f = 1MHz
f = 16MHz
f = 20MHz
f = 40MHz
Figure 5-35. Log Detector Conformance Error for Different
Frequencies
Log_Inp (VP)
0
0.5
1
1.5
2
2.5
3
1
10
100
1m
10m
100m
f = 40kHz
f = 1MHz
f = 20MHz
Figure 5-36. AFE output at Various Frequencies
Log_Inp (VP)
-6
-5
-4
-3
-2
-1
0
1
2
3
4
5
6
1
10
100
1m
10m
100m
f = 40kHz
f = 1MHz
f = 20MHz
Figure 5-37. AFE Log Conformance Error for Different
Frequencies
Supply (VCC)
3
3.25
3.5
3.75
4
4.25
4.5
4.75
5
5.25
28
29
30
31
32
Ref_Res = 56k
Ref_Res = Open
RF = 30kΩ, f = 1MHz
Figure 5-38. Log Detector Slope Variation vs Supply
Time (250ns/div)
-3
-2
-1
0
1
2
3
LNA_In
 11
LNA_Out
Figure 5-39. LNA Overdrive Recovery
LOG300
SLOSEB7A – SEPTEMBER 2024 – REVISED OCTOBER 2024
www.ti.com
16
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: LOG300



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com