Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA4VE...ALZQ1 Datasheet(PDF) 89 Page - Texas Instruments

Part # TDA4VE...ALZQ1
Description  TDA4VE TDA4AL TDA4VL Jacinto™ Processors, Silicon Revision 1.0
PDF  251 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TDA4VE...ALZQ1 Datasheet(HTML) 89 Page - Texas Instruments

Back Button TDA4VE...ALZQ1 Datasheet HTML 85Page - Texas Instruments TDA4VE...ALZQ1 Datasheet HTML 86Page - Texas Instruments TDA4VE...ALZQ1 Datasheet HTML 87Page - Texas Instruments TDA4VE...ALZQ1 Datasheet HTML 88Page - Texas Instruments TDA4VE...ALZQ1 Datasheet HTML 89Page - Texas Instruments TDA4VE...ALZQ1 Datasheet HTML 90Page - Texas Instruments TDA4VE...ALZQ1 Datasheet HTML 91Page - Texas Instruments TDA4VE...ALZQ1 Datasheet HTML 92Page - Texas Instruments TDA4VE...ALZQ1 Datasheet HTML 93Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 251 page
background image
Table 6-105. MCU_OSPI1 Signal Descriptions (continued)
SIGNAL NAME
PIN TYPE
DESCRIPTION
ALZ PIN
MCU_OSPI1_LBCLKO
IO
OSPI Loopback Clock Output
B20
MCU_OSPI1_CSn0
O
OSPI Chip Select 0 (active low)
D20
MCU_OSPI1_CSn1
O
OSPI Chip Select 1 (active low)
C21
MCU_OSPI1_D0
IO
OSPI Data 0
D21
MCU_OSPI1_D1
IO
OSPI Data 1
G20
MCU_OSPI1_D2
IO
OSPI Data 2
C20
MCU_OSPI1_D3
IO
OSPI Data 3
A20
6.3.28 Hyperbus
6.3.28.1 MCU Domain
Table 6-106. MCU_HYPERBUS0 Signal Descriptions
SIGNAL NAME
PIN TYPE
DESCRIPTION
ALZ PIN
MCU_HYPERBUS0_CK
O
Hyperbus Differential Clock (positive)
D19
MCU_HYPERBUS0_CKn
O
Hyperbus Differential Clock (negative)
E20
MCU_HYPERBUS0_INTn
I
Hyperbus Interrupt (active low)
B19, F17
MCU_HYPERBUS0_RESETn
O
Hyperbus Reset (active low) Output
G17
MCU_HYPERBUS0_RESETOn
I
Hyperbus Reset Status Indicator (active low) from
Hyperbus Memory
B20, F14
MCU_HYPERBUS0_RWDS
IO
Hyperbus Read-Write Data Strobe
E18
MCU_HYPERBUS0_WPn
O
Hyperbus Write Protect (Not in use)
C21, F14, F17
MCU_HYPERBUS0_CSn0
O
Hyperbus Chip Select 0
F15
MCU_HYPERBUS0_CSn1
O
Hyperbus Chip Select 1
C21, F14
MCU_HYPERBUS0_DQ0
IO
Hyperbus Data 0
C19
MCU_HYPERBUS0_DQ1
IO
Hyperbus Data 1
F16
MCU_HYPERBUS0_DQ2
IO
Hyperbus Data 2
G15
MCU_HYPERBUS0_DQ3
IO
Hyperbus Data 3
F18
MCU_HYPERBUS0_DQ4
IO
Hyperbus Data 4
E19
MCU_HYPERBUS0_DQ5
IO
Hyperbus Data 5
G19
MCU_HYPERBUS0_DQ6
IO
Hyperbus Data 6
F19
MCU_HYPERBUS0_DQ7
IO
Hyperbus Data 7
F20
6.3.29 Emulation and Debug
6.3.29.1 MAIN Domain
Table 6-107. JTAG Signal Descriptions
SIGNAL NAME
PIN TYPE
DESCRIPTION
ALZ PIN
EMU0
IO
Emulation Control 0
A27
EMU1
IO
Emulation Control 1
C26
TCK
I
JTAG Test Clock Input
A25
TDI
I
JTAG Test Data Input
AG28
TDO
OZ
JTAG Test Data Output
AE26
TMS
I
JTAG Test Mode Select Input
AG27
TRSTn
I
JTAG Reset
B28
Table 6-108. Trace Signal Descriptions
SIGNAL NAME
PIN TYPE
DESCRIPTION
ALZ PIN
TRC_CLK
O
Trace Clock
AD28, W25
www.ti.com
TDA4VE-Q1, TDA4AL-Q1, TDA4VL-Q1
SPRSP62 – DECEMBER 2022
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
89
Product Folder Links: TDA4VE-Q1 TDA4AL-Q1 TDA4VL-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com