| Electronic Components Datasheet Search |
|
TDA4VE...ALZQ1 Datasheet(PDF) 87 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TDA4VE...ALZQ1 Datasheet(HTML) 87 Page - Texas Instruments |
|
87 / 251 page ![]() Table 6-101. GPMC0 Signal Descriptions (continued) SIGNAL NAME PIN TYPE DESCRIPTION ALZ PIN GPMC0_AD8 IO GPMC Data 8 Input/Output in A/D non-multiplexed mode and additionally Address 9 Output in A/D multiplexed mode V27 GPMC0_AD9 IO GPMC Data 9 Input/Output in A/D non-multiplexed mode and additionally Address 10 Output in A/D multiplexed mode W27 GPMC0_AD10 IO GPMC Data 10 Input/Output in A/D non-multiplexed mode and additionally Address 11 Output in A/D multiplexed mode Y27 GPMC0_AD11 IO GPMC Data 11 Input/Output in A/D non-multiplexed mode and additionally Address 12 Output in A/D multiplexed mode AA27 GPMC0_AD12 IO GPMC Data 12 Input/Output in A/D non-multiplexed mode and additionally Address 13 Output in A/D multiplexed mode AA26 GPMC0_AD13 IO GPMC Data 13 Input/Output in A/D non-multiplexed mode and additionally Address 14 Output in A/D multiplexed mode AC27 GPMC0_AD14 IO GPMC Data 14 Input/Output in A/D non-multiplexed mode and additionally Address 15 Output in A/D multiplexed mode W28 GPMC0_AD15 IO GPMC Data 15 Input/Output in A/D non-multiplexed mode and additionally Address 16 Output in A/D multiplexed mode U28 GPMC0_BE0n_CLE O GPMC Lower-Byte Enable (active low) or Command Latch Enable R27 GPMC0_BE1n O GPMC Upper-Byte Enable (active low) T27 GPMC0_CSn0 O GPMC Chip Select 0 (active low) AA28 GPMC0_CSn1 O GPMC Chip Select 1 (active low) Y25 GPMC0_CSn2 O GPMC Chip Select 2 (active low) T25, V23 GPMC0_CSn3 O GPMC Chip Select 3 (active low) AC24 GPMC0_WAIT0 I GPMC External Indication of Wait R28 GPMC0_WAIT1 I GPMC External Indication of Wait AB24 GPMC0_WAIT2 I GPMC External Indication of Wait AE28 GPMC0_WAIT3 I GPMC External Indication of Wait T28 6.3.26 MMC 6.3.26.1 MAIN Domain Table 6-102. MMC0 Signal Descriptions SIGNAL NAME PIN TYPE DESCRIPTION ALZ PIN MMC0_CALPAD(1) A MMC/SD/SDIO Calibration Resistor AF1 MMC0_CLK O MMC/SD/SDIO Clock AC6 MMC0_CMD(2) IO MMC/SD/SDIO Command AF2 MMC0_DS IO MMC Data Strobe AE3 MMC0_DAT0(2) IO MMC/SD/SDIO Data AF4 MMC0_DAT1(2) IO MMC/SD/SDIO Data AD3 MMC0_DAT2(2) IO MMC/SD/SDIO Data AD4 MMC0_DAT3(2) IO MMC/SD/SDIO Data AF3 MMC0_DAT4(2) IO MMC/SD/SDIO Data AE2 MMC0_DAT5(2) IO MMC/SD/SDIO Data AG3 MMC0_DAT6(2) IO MMC/SD/SDIO Data AE1 www.ti.com TDA4VE-Q1, TDA4AL-Q1, TDA4VL-Q1 SPRSP62 – DECEMBER 2022 Copyright © 2023 Texas Instruments Incorporated Submit Document Feedback 87 Product Folder Links: TDA4VE-Q1 TDA4AL-Q1 TDA4VL-Q1 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |