Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA4VE...ALZQ1 Datasheet(PDF) 59 Page - Texas Instruments

Part # TDA4VE...ALZQ1
Description  TDA4VE TDA4AL TDA4VL Jacinto™ Processors, Silicon Revision 1.0
PDF  251 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TDA4VE...ALZQ1 Datasheet(HTML) 59 Page - Texas Instruments

Back Button TDA4VE...ALZQ1 Datasheet HTML 55Page - Texas Instruments TDA4VE...ALZQ1 Datasheet HTML 56Page - Texas Instruments TDA4VE...ALZQ1 Datasheet HTML 57Page - Texas Instruments TDA4VE...ALZQ1 Datasheet HTML 58Page - Texas Instruments TDA4VE...ALZQ1 Datasheet HTML 59Page - Texas Instruments TDA4VE...ALZQ1 Datasheet HTML 60Page - Texas Instruments TDA4VE...ALZQ1 Datasheet HTML 61Page - Texas Instruments TDA4VE...ALZQ1 Datasheet HTML 62Page - Texas Instruments TDA4VE...ALZQ1 Datasheet HTML 63Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 251 page
background image
6.3 Signal Descriptions
6.3.1 ADC
6.3.1.1 MCU Domain
Table 6-3. MCU_ADC Signal Descriptions
SIGNAL NAME
PIN TYPE
DESCRIPTION
ALZ PIN
MCU_ADC_EXT_TRIGGER0
I
ADC Trigger Input
C23, E22, F27
MCU_ADC_EXT_TRIGGER1
I
ADC Trigger Input
E21, F25, F26
Table 6-4. MCU_ADC0 Signal Descriptions
SIGNAL NAME
PIN TYPE
DESCRIPTION
ALZ PIN
MCU_ADC0_AIN0
A
ADC Input 0
L25
MCU_ADC0_AIN1
A
ADC Input 1
K25
MCU_ADC0_AIN2
A
ADC Input 2
M24
MCU_ADC0_AIN3
A
ADC Input 3
L24
MCU_ADC0_AIN4
A
ADC Input 4
L27
MCU_ADC0_AIN5
A
ADC Input 5
K24
MCU_ADC0_AIN6
A
ADC Input 6
M27
MCU_ADC0_AIN7
A
ADC Input 7
M26
Table 6-5. MCU_ADC1 Signal Descriptions
SIGNAL NAME
PIN TYPE
DESCRIPTION
ALZ PIN
MCU_ADC1_AIN0
A
ADC Input 0
P25
MCU_ADC1_AIN1
A
ADC Input 1
R25
MCU_ADC1_AIN2
A
ADC Input 2
P28
MCU_ADC1_AIN3
A
ADC Input 3
P27
MCU_ADC1_AIN4
A
ADC Input 4
N25
MCU_ADC1_AIN5
A
ADC Input 5
P26
MCU_ADC1_AIN6
A
ADC Input 6
N26
MCU_ADC1_AIN7
A
ADC Input 7
N27
6.3.2 DDRSS
6.3.2.1 MAIN Domain
Table 6-6. DDRSS0 Signal Descriptions
SIGNAL NAME
PIN TYPE
DESCRIPTION
ALZ PIN
DDR0_CKN
IO
DDRSS Differential Clock (negative)
R1
DDR0_CKP
IO
DDRSS Differential Clock (positive)
P1
DDR0_RESETn
IO
DDRSS Reset
R5
DDR0_RET
I
DDR Retention Enable
T8
DDR0_CA0
IO
DDRSS Command Address
P3
DDR0_CA1
IO
DDRSS Command Address
P5
DDR0_CA2
IO
DDRSS Command Address
N5
DDR0_CA3
IO
DDRSS Command Address
P2
DDR0_CA4
IO
DDRSS Command Address
P4
DDR0_CA5
IO
DDRSS Command Address
R3
DDR0_CAL0(1)
A
IO Pad Calibration Resistor
R8
DDR0_CKE0
IO
DDRSS Clock Enable
R2
DDR0_CKE1
IO
DDRSS Clock Enable
R4
www.ti.com
TDA4VE-Q1, TDA4AL-Q1, TDA4VL-Q1
SPRSP62 – DECEMBER 2022
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
59
Product Folder Links: TDA4VE-Q1 TDA4AL-Q1 TDA4VL-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com