| Electronic Components Datasheet Search |
|
TDA4VE...ALZQ1 Datasheet(PDF) 52 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TDA4VE...ALZQ1 Datasheet(HTML) 52 Page - Texas Instruments |
|
52 / 251 page ![]() Table 6-2. Pin Attributes (ALZ Package) (continued) Ball Num [1] Ball Name [2] PADCFG Register [13] PADCFG Address [14] Signal Name [3] Mux Mode [4] Signal Type [5] I/O Voltage [6] Ball State DURING Reset (RX/TX/PULL) [7] Ball State AFTER Reset (RX/TX/PULL) [8] Mux Mode AFTER Reset [9] Power [10] Voltage Buffer Type [11] IO RET [12] AB7 VDDA_1P8_USB VDDA_1P8_USB PWR AA17, AA19 VDDA_1P8_CSIRX0_1 VDDA_1P8_CSIRX0_1 PWR AA12 VDDA_1P8_SERDES0_1 VDDA_1P8_SERDES0_1 PWR AB13 VDDA_1P8_SERDES2_4 VDDA_1P8_SERDES2_4 PWR AB9 VDDA_3P3_USB VDDA_3P3_USB PWR J21 VDDA_ADC0 VDDA_ADC0 PWR K21 VDDA_ADC1 VDDA_ADC1 PWR K22 VDDA_MCU_PLLGRP0 VDDA_MCU_PLLGRP0 PWR J17 VDDA_MCU_TEMP VDDA_MCU_TEMP PWR L21 VDDA_OSC1 VDDA_OSC1 PWR U18 VDDA_PLLGRP0 VDDA_PLLGRP0 PWR V19 VDDA_PLLGRP1 VDDA_PLLGRP1 PWR Y11 VDDA_PLLGRP2 VDDA_PLLGRP2 PWR N14 VDDA_PLLGRP5 VDDA_PLLGRP5 PWR R12 VDDA_PLLGRP6 VDDA_PLLGRP6 PWR R11 VDDA_PLLGRP7 VDDA_PLLGRP7 PWR K12 VDDA_PLLGRP8 VDDA_PLLGRP8 PWR T18 VDDA_PLLGRP9 VDDA_PLLGRP9 PWR Y16 VDDA_PLLGRP10 VDDA_PLLGRP10 PWR Y18 VDDA_PLLGRP12 VDDA_PLLGRP12 PWR V12 VDDA_PLLGRP13 VDDA_PLLGRP13 PWR L20 VDDA_POR_WKUP VDDA_POR_WKUP PWR U19 VDDA_TEMP0 VDDA_TEMP0 PWR K10 VDDA_TEMP1 VDDA_TEMP1 PWR T16 VDDA_TEMP2 VDDA_TEMP2 PWR U10 VDDA_TEMP3 VDDA_TEMP3 PWR Y14 VDDA_TEMP4 VDDA_TEMP4 PWR J22 VDDA_WKUP VDDA_WKUP PWR R21, U21, U22 VDDSHV0 VDDSHV0 PWR H19, H20 VDDSHV0_MCU VDDSHV0_MCU PWR H16, J16 VDDSHV1_MCU VDDSHV1_MCU PWR M20, R20 VDDSHV2 VDDSHV2 PWR G18, H18 VDDSHV2_MCU VDDSHV2_MCU PWR M21, N22 VDDSHV5 VDDSHV5 PWR TDA4VE-Q1, TDA4AL-Q1, TDA4VL-Q1 SPRSP62 – DECEMBER 2022 www.ti.com 52 Submit Document Feedback Copyright © 2023 Texas Instruments Incorporated Product Folder Links: TDA4VE-Q1 TDA4AL-Q1 TDA4VL-Q1 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |