Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA4VE...ALZQ1 Datasheet(PDF) 76 Page - Texas Instruments

Part # TDA4VE...ALZQ1
Description  TDA4VE TDA4AL TDA4VL Jacinto™ Processors, Silicon Revision 1.0
PDF  251 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TDA4VE...ALZQ1 Datasheet(HTML) 76 Page - Texas Instruments

Back Button TDA4VE...ALZQ1 Datasheet HTML 72Page - Texas Instruments TDA4VE...ALZQ1 Datasheet HTML 73Page - Texas Instruments TDA4VE...ALZQ1 Datasheet HTML 74Page - Texas Instruments TDA4VE...ALZQ1 Datasheet HTML 75Page - Texas Instruments TDA4VE...ALZQ1 Datasheet HTML 76Page - Texas Instruments TDA4VE...ALZQ1 Datasheet HTML 77Page - Texas Instruments TDA4VE...ALZQ1 Datasheet HTML 78Page - Texas Instruments TDA4VE...ALZQ1 Datasheet HTML 79Page - Texas Instruments TDA4VE...ALZQ1 Datasheet HTML 80Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 251 page
background image
Table 6-72. EQEP2 Signal Descriptions (continued)
SIGNAL NAME
PIN TYPE
DESCRIPTION
ALZ PIN
EQEP2_I
IO
EQEP Index
AA26
EQEP2_S
IO
EQEP Strobe
Y27
6.3.13 EPWM
6.3.13.1 MAIN Domain
Table 6-73. EPWM Signal Descriptions
SIGNAL NAME
PIN TYPE
DESCRIPTION
ALZ PIN
EHRPWM_SOCA
O
EHRPWM Start of Conversion A
AA27
EHRPWM_SOCB
O
EHRPWM Start of Conversion B
AB25
EHRPWM_TZn_IN0
I
EHRPWM Trip Zone Input 0 (active low)
T27
EHRPWM_TZn_IN1
I
EHRPWM Trip Zone Input 1 (active low)
V27
EHRPWM_TZn_IN2
I
EHRPWM Trip Zone Input 2 (active low)
AB28
EHRPWM_TZn_IN3
I
EHRPWM Trip Zone Input 3 (active low)
W24
EHRPWM_TZn_IN4
I
EHRPWM Trip Zone Input 4 (active low)
AD27
EHRPWM_TZn_IN5
I
EHRPWM Trip Zone Input 5 (active low)
V26
Table 6-74. EPWM0 Signal Descriptions
SIGNAL NAME
PIN TYPE
DESCRIPTION
ALZ PIN
EHRPWM0_A
IO
EHRPWM Output A
AE27, R24, U28
EHRPWM0_B
IO
EHRPWM Output B
R22, W28
EHRPWM0_SYNCI
I
Sync Input to EHRPWM module from an external pin
R27
EHRPWM0_SYNCO
O
Sync Output to EHRPWM module to an external pin
Y26
Table 6-75. EPWM1 Signal Descriptions
SIGNAL NAME
PIN TYPE
DESCRIPTION
ALZ PIN
EHRPWM1_A
IO
EHRPWM Output A
AC27, AF26, M23
EHRPWM1_B
IO
EHRPWM Output B
P24, R28
Table 6-76. EPWM2 Signal Descriptions
SIGNAL NAME
PIN TYPE
DESCRIPTION
ALZ PIN
EHRPWM2_A
IO
EHRPWM Output A
AC28, AH27, N24
EHRPWM2_B
IO
EHRPWM Output B
P23, U27
Table 6-77. EPWM3 Signal Descriptions
SIGNAL NAME
PIN TYPE
DESCRIPTION
ALZ PIN
EHRPWM3_A
IO
EHRPWM Output A
AG26, R22, T25
EHRPWM3_B
IO
EHRPWM Output B
T24
EHRPWM3_SYNCI
I
Sync Input to EHRPWM module from an external pin
V25
EHRPWM3_SYNCO
O
Sync Output to EHRPWM module to an external pin
AA25
Table 6-78. EPWM4 Signal Descriptions
SIGNAL NAME
PIN TYPE
DESCRIPTION
ALZ PIN
EHRPWM4_A
IO
EHRPWM Output A
AH26, P24, T23
EHRPWM4_B
IO
EHRPWM Output B
Y25
TDA4VE-Q1, TDA4AL-Q1, TDA4VL-Q1
SPRSP62 – DECEMBER 2022
www.ti.com
76
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TDA4VE-Q1 TDA4AL-Q1 TDA4VL-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com