Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA4VE...ALZQ1 Datasheet(PDF) 73 Page - Texas Instruments

Part # TDA4VE...ALZQ1
Description  TDA4VE TDA4AL TDA4VL Jacinto™ Processors, Silicon Revision 1.0
PDF  251 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TDA4VE...ALZQ1 Datasheet(HTML) 73 Page - Texas Instruments

Back Button TDA4VE...ALZQ1 Datasheet HTML 69Page - Texas Instruments TDA4VE...ALZQ1 Datasheet HTML 70Page - Texas Instruments TDA4VE...ALZQ1 Datasheet HTML 71Page - Texas Instruments TDA4VE...ALZQ1 Datasheet HTML 72Page - Texas Instruments TDA4VE...ALZQ1 Datasheet HTML 73Page - Texas Instruments TDA4VE...ALZQ1 Datasheet HTML 74Page - Texas Instruments TDA4VE...ALZQ1 Datasheet HTML 75Page - Texas Instruments TDA4VE...ALZQ1 Datasheet HTML 76Page - Texas Instruments TDA4VE...ALZQ1 Datasheet HTML 77Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 251 page
background image
Table 6-57. UART7 Signal Descriptions (continued)
SIGNAL NAME
PIN TYPE
DESCRIPTION
ALZ PIN
UART7_TXD
O
UART Transmit Data
AD24, R24, U24
Table 6-58. UART8 Signal Descriptions
SIGNAL NAME
PIN TYPE
DESCRIPTION
ALZ PIN
UART8_CTSn
I
UART Clear to Send (active low)
AC28
UART8_RTSn
O
UART Request to Send (active low)
Y26
UART8_RXD
I
UART Receive Data
AB28, AC25, AF26, P23
UART8_TXD
O
UART Transmit Data
AD26, AH27, N24, U27
Table 6-59. UART9 Signal Descriptions
SIGNAL NAME
PIN TYPE
DESCRIPTION
ALZ PIN
UART9_CTSn
I
UART Clear to Send (active low)
AB27, T26
UART9_RTSn
O
UART Request to Send (active low)
AA24, AD24
UART9_RXD
I
UART Receive Data
V27, Y24
UART9_TXD
O
UART Transmit Data
W23, W27
Table 6-60. VPU0_UART Signal Descriptions
SIGNAL NAME
PIN TYPE
DESCRIPTION
ALZ PIN
VPU0_UART_RXD
I
UART Receive Data
AF26
VPU0_UART_TXD
O
UART Transmit Data
AH27
6.3.8.2 MCU Domain
Table 6-61. MCU_UART0 Signal Descriptions
SIGNAL NAME
PIN TYPE
DESCRIPTION
ALZ PIN
MCU_UART0_CTSn
I
UART Clear to Send (active low)
A20, B24
MCU_UART0_RTSn
O
UART Request to Send (active low)
C21, D25
MCU_UART0_RXD
I
UART Receive Data
C24, F25, G20
MCU_UART0_TXD
O
UART Transmit Data
C20, C25, F27
6.3.8.3 WKUP Domain
Table 6-62. WKUP_UART0 Signal Descriptions
SIGNAL NAME
PIN TYPE
DESCRIPTION
ALZ PIN
WKUP_UART0_CTSn
I
UART Clear to Send (active low)
E25
WKUP_UART0_RTSn
O
UART Request to Send (active low)
F28
WKUP_UART0_RXD
I
UART Receive Data
D28
WKUP_UART0_TXD
O
UART Transmit Data
D27
6.3.9 MDIO
6.3.9.1 MAIN Domain
Table 6-63. MDIO0 Signal Descriptions
SIGNAL NAME
PIN TYPE
DESCRIPTION
ALZ PIN
MDIO0_MDC
O
MDIO Clock
T28
MDIO0_MDIO
IO
MDIO Data
V28
www.ti.com
TDA4VE-Q1, TDA4AL-Q1, TDA4VL-Q1
SPRSP62 – DECEMBER 2022
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
73
Product Folder Links: TDA4VE-Q1 TDA4AL-Q1 TDA4VL-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com