Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA4VE...ALZQ1 Datasheet(PDF) 74 Page - Texas Instruments

Part # TDA4VE...ALZQ1
Description  TDA4VE TDA4AL TDA4VL Jacinto™ Processors, Silicon Revision 1.0
PDF  251 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TDA4VE...ALZQ1 Datasheet(HTML) 74 Page - Texas Instruments

Back Button TDA4VE...ALZQ1 Datasheet HTML 70Page - Texas Instruments TDA4VE...ALZQ1 Datasheet HTML 71Page - Texas Instruments TDA4VE...ALZQ1 Datasheet HTML 72Page - Texas Instruments TDA4VE...ALZQ1 Datasheet HTML 73Page - Texas Instruments TDA4VE...ALZQ1 Datasheet HTML 74Page - Texas Instruments TDA4VE...ALZQ1 Datasheet HTML 75Page - Texas Instruments TDA4VE...ALZQ1 Datasheet HTML 76Page - Texas Instruments TDA4VE...ALZQ1 Datasheet HTML 77Page - Texas Instruments TDA4VE...ALZQ1 Datasheet HTML 78Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 251 page
background image
6.3.9.2 MCU Domain
Table 6-64. MCU_MDIO0 Signal Descriptions
SIGNAL NAME
PIN TYPE
DESCRIPTION
ALZ PIN
MCU_MDIO0_MDC
O
MDIO Clock
A21
MCU_MDIO0_MDIO
IO
MDIO Data
A22
6.3.10 CPSW2G
6.3.10.1 MAIN Domain
Table 6-65. CPSW2G0 Signal Descriptions
SIGNAL NAME
PIN TYPE
DESCRIPTION
ALZ PIN
CLKOUT
IO
RMII Clock Output
U24
RGMII1_RXC
I
RGMII Receive Clock
AD26
RGMII1_RX_CTL
I
RGMII Receive Control
AC25
RGMII1_TXC
O
RGMII Transmit Clock
U25
RGMII1_TX_CTL
O
RGMII Transmit Control
T24
RGMII1_RD0
I
RGMII Receive Data 0
AA24
RGMII1_RD1
I
RGMII Receive Data 1
AB25
RGMII1_RD2
I
RGMII Receive Data 2
T23
RGMII1_RD3
I
RGMII Receive Data 3
U24
RGMII1_TD0
O
RGMII Transmit Data 0
T25
RGMII1_TD1
O
RGMII Transmit Data 1
W24
RGMII1_TD2
O
RGMII Transmit Data 2
AA25
RGMII1_TD3
O
RGMII Transmit Data 3
V25
RMII1_CRS_DV
I
RMII Carrier Sense / Data Valid
V25
RMII1_RX_ER
I
RMII Receive Data Error
T24
RMII1_TX_EN
O
RMII Transmit Enable
AC25
RMII1_RXD0
I
RMII Receive Data 0
W24
RMII1_RXD1
I
RMII Receive Data 1
AA25
RMII1_TXD0
O
RMII Transmit Data 0
AB25
RMII1_TXD1
O
RMII Transmit Data 1
AD26
RMII_REF_CLK
I
RMII Reference Clock
T23
6.3.10.2 MCU Domain
Table 6-66. MCU_CPSW2G0 Signal Descriptions
SIGNAL NAME
PIN TYPE
DESCRIPTION
ALZ PIN
MCU_RGMII1_RXC
I
RGMII Receive Clock
D22
MCU_RGMII1_RX_CTL
I
RGMII Receive Control
E23
MCU_RGMII1_TXC
O
RGMII Transmit Clock
F21
MCU_RGMII1_TX_CTL
O
RGMII Transmit Control
F22
MCU_RGMII1_RD0
I
RGMII Receive Data 0
B22
MCU_RGMII1_RD1
I
RGMII Receive Data 1
B21
MCU_RGMII1_RD2
I
RGMII Receive Data 2
C22
MCU_RGMII1_RD3
I
RGMII Receive Data 3
D23
MCU_RGMII1_TD0
O
RGMII Transmit Data 0
F23
MCU_RGMII1_TD1
O
RGMII Transmit Data 1
G22
MCU_RGMII1_TD2
O
RGMII Transmit Data 2
E21
MCU_RGMII1_TD3
O
RGMII Transmit Data 3
E22
TDA4VE-Q1, TDA4AL-Q1, TDA4VL-Q1
SPRSP62 – DECEMBER 2022
www.ti.com
74
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TDA4VE-Q1 TDA4AL-Q1 TDA4VL-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com