| Electronic Components Datasheet Search |
|
TDA4VE...ALZQ1 Datasheet(PDF) 83 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TDA4VE...ALZQ1 Datasheet(HTML) 83 Page - Texas Instruments |
|
83 / 251 page ![]() Table 6-95. MCASP4 Signal Descriptions (continued) SIGNAL NAME PIN TYPE DESCRIPTION ALZ PIN MCASP4_AXR3 IO MCASP Serial Data (Input/Output) R27 MCASP4_AXR4 IO MCASPI Serial Data (Input/Output) AA25 6.3.22 DMTIMER 6.3.22.1 MAIN Domain Table 6-96. DMTIMER Signal Descriptions SIGNAL NAME PIN TYPE DESCRIPTION ALZ PIN TIMER_IO0 IO Timer Inputs and Outputs (Can be used with any MAIN domain timer instance) AE25 TIMER_IO1 IO Timer Inputs and Outputs (Can be used with any MAIN domain timer instance) AG25 TIMER_IO2 IO Timer Inputs and Outputs (Can be used with any MAIN domain timer instance) R22 TIMER_IO3 IO Timer Inputs and Outputs (Can be used with any MAIN domain timer instance) R24 TIMER_IO4 IO Timer Inputs and Outputs (Can be used with any MAIN domain timer instance) P24 TIMER_IO5 IO Timer Inputs and Outputs (Can be used with any MAIN domain timer instance) M23 TIMER_IO6 IO Timer Inputs and Outputs (Can be used with any MAIN domain timer instance) P23 TIMER_IO7 IO Timer Inputs and Outputs (Can be used with any MAIN domain timer instance) N24 6.3.22.2 MCU Domain Table 6-97. MCU_DMTIMER Signal Descriptions SIGNAL NAME PIN TYPE DESCRIPTION ALZ PIN MCU_TIMER_IO0 IO Timer Inputs and Outputs (Can be used with any MCU domain timer instance.) B25, C21 MCU_TIMER_IO1 IO Timer Inputs and Outputs (Can be used with any MCU domain timer instance.) B26, F25 MCU_TIMER_IO2 IO Timer Inputs and Outputs (Can be used with any MCU domain timer instance.) E22 MCU_TIMER_IO3 IO Timer Inputs and Outputs (Can be used with any MCU domain timer instance.) E21 MCU_TIMER_IO4 IO Timer Inputs and Outputs (Can be used with any MCU domain timer instance.) D23 MCU_TIMER_IO5 IO Timer Inputs and Outputs (Can be used with any MCU domain timer instance.) C22 MCU_TIMER_IO6 IO Timer Inputs and Outputs (Can be used with any MCU domain timer instance.) F24, G27 MCU_TIMER_IO7 IO Timer Inputs and Outputs (Can be used with any MCU domain timer instance.) H26, J26 MCU_TIMER_IO8 IO Timer Inputs and Outputs (Can be used with any MCU domain timer instance.) B24 MCU_TIMER_IO9 IO Timer Inputs and Outputs (Can be used with any MCU domain timer instance.) D25 www.ti.com TDA4VE-Q1, TDA4AL-Q1, TDA4VL-Q1 SPRSP62 – DECEMBER 2022 Copyright © 2023 Texas Instruments Incorporated Submit Document Feedback 83 Product Folder Links: TDA4VE-Q1 TDA4AL-Q1 TDA4VL-Q1 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |