Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST7FLUS5MATRE Datasheet(PDF) 117 Page - STMicroelectronics

Part # ST7FLUS5MATRE
Description  8-bit low cost, low pin-count MCU for automotive,with single voltage Flash memory, ADC, timers
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7FLUS5MATRE Datasheet(HTML) 117 Page - STMicroelectronics

Back Button ST7FLUS5MATRE Datasheet HTML 113Page - STMicroelectronics ST7FLUS5MATRE Datasheet HTML 114Page - STMicroelectronics ST7FLUS5MATRE Datasheet HTML 115Page - STMicroelectronics ST7FLUS5MATRE Datasheet HTML 116Page - STMicroelectronics ST7FLUS5MATRE Datasheet HTML 117Page - STMicroelectronics ST7FLUS5MATRE Datasheet HTML 118Page - STMicroelectronics ST7FLUS5MATRE Datasheet HTML 119Page - STMicroelectronics ST7FLUS5MATRE Datasheet HTML 120Page - STMicroelectronics ST7FLUS5MATRE Datasheet HTML 121Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 124 page
background image
ST7LUS5, ST7LU05, ST7LU09
Device configuration and ordering information
117/124
14.2
FASTROM devices
14.2.1
FASTROM ordering information and transfer of customer code
Customer code is made up of the FASTROM contents and the list of the selected options (if
any). The FASTROM contents are to be sent on diskette, or by electronic means, with the
S19 hexadecimal file generated by the development tool. All unused bytes must be set to
FFh. Complete the appended ST7LUxx FASTROM Microcontroller Option List on page 118
to communicate the selected options to STMicroelectronics.
Refer to application note AN1635 for information on the counter listing returned by ST after
code has been transferred.
Table 91 serves as a guide for ordering. The STMicroelectronics sales organization will be
pleased to provide detailed information on contractual points.
Table 91.
FASTROM factory coded device types
Order code
Program memory
(bytes)
RAM / EEPROM
(bytes)
ADC
Temperature
range
Package
Packaging
ST7PLUS5MAE
1K FASTROM
128 / -
10-bit
-40°C to +85°C
SO8
Tube
ST7PLUS5MATRE
Tape and Reel
ST7PLUS5MCE
-40°C to +125°C
Tube
ST7PLUS5MCTRE
Tape and Reel
ST7PLU05MAE
2K FASTROM
128 / -
10-bit
-40°C to +85°C
SO8
Tube
ST7PLU05MATRE
Tape and Reel
ST7PLU05MCE
-40°C to +125°C
Tube
ST7PLU05MCTRE
Tape and Reel
ST7PLU09MAE
2K FASTROM
128 / 128
10-bit
-40°C to +85°C
SO8
Tube
ST7PLU09MATRE
Tape and Reel
ST7PLU09MCE
-40°C to +125°C
Tube
ST7PLU09MCTRE
Tape and Reel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com