Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST7FLUS5MATRE Datasheet(PDF) 96 Page - STMicroelectronics

Part # ST7FLUS5MATRE
Description  8-bit low cost, low pin-count MCU for automotive,with single voltage Flash memory, ADC, timers
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7FLUS5MATRE Datasheet(HTML) 96 Page - STMicroelectronics

Back Button ST7FLUS5MATRE Datasheet HTML 92Page - STMicroelectronics ST7FLUS5MATRE Datasheet HTML 93Page - STMicroelectronics ST7FLUS5MATRE Datasheet HTML 94Page - STMicroelectronics ST7FLUS5MATRE Datasheet HTML 95Page - STMicroelectronics ST7FLUS5MATRE Datasheet HTML 96Page - STMicroelectronics ST7FLUS5MATRE Datasheet HTML 97Page - STMicroelectronics ST7FLUS5MATRE Datasheet HTML 98Page - STMicroelectronics ST7FLUS5MATRE Datasheet HTML 99Page - STMicroelectronics ST7FLUS5MATRE Datasheet HTML 100Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 124 page
background image
Electrical characteristics
ST7LUS5, ST7LU05, ST7LU09
96/124
12.4
Supply current characteristics
The following current consumption specified for the ST7 functional operating modes over
temperature range does not take into account the clock source current consumption. To get
the total device consumption, the two current values must be added (except for Halt mode
for which the clock is stopped).
Table 68.
Supply current consumption
Symbol
Parameter
Conditions(1)
1.
TA = -40 to +125 °C unless otherwise specified
Typ
Max
Unit
IDD
Supply current in Run mode(2)
2.
CPU running with memory access, all I/O pins in input mode with a static value at VDD or VSS (no load), all
peripherals in reset state; clock input (CLKIN) driven by external square wave, LVD disabled.
fCPU = 8 MHz
5.0
9.0
mA
Supply current in Wait mode(3)
3.
All I/O pins in input mode with a static value at VDD or VSS (no load), all peripherals in reset state; clock
input (CLKIN) driven by external square wave, LVD disabled.
fCPU = 8 MHz
1.5
4.0
Supply current in Slow mode(4)
4.
Slow mode selected with fCPU based on fOSC divided by 32. All I/O pins in input mode with a static value at
VDD or VSS (no load), all peripherals in reset state; clock input (CLKIN) driven by external square wave,
LVD disabled.
fCPU/32 = 250 kHz
650
1100
µA
Supply current in Slow Wait mode(5)
5.
Slow Wait mode selected with fCPU based on fOSC divided by 32. All I/O pins in input mode with a static
value at VDD or VSS (no load), all peripherals in reset state; clock input (CLKIN) driven by external square
wave, LVD disabled.
fCPU/32 = 250 kHz
500
900
Supply current in AWUFH mode(6)(7)
6.
All I/O pins in input mode with a static value at VDD or VSS (no load). Data tested in production at VDD max.
and fCPU max.
7.
This consumption refers to the Halt period only and not the associated run period which is software
dependent.
40
120(8)
8.
Data based on characterization, not tested in production
Supply current in Active Halt mode
100
250
Supply current in Halt mode(9)
9.
All I/O pins in output mode with a static value at VSS (no load), LVD disabled. Data based on
characterization results, tested in production at VDD max and fCPU max.
0.5
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com