Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST7FLUS5MATRE Datasheet(PDF) 78 Page - STMicroelectronics

Part # ST7FLUS5MATRE
Description  8-bit low cost, low pin-count MCU for automotive,with single voltage Flash memory, ADC, timers
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7FLUS5MATRE Datasheet(HTML) 78 Page - STMicroelectronics

Back Button ST7FLUS5MATRE Datasheet HTML 74Page - STMicroelectronics ST7FLUS5MATRE Datasheet HTML 75Page - STMicroelectronics ST7FLUS5MATRE Datasheet HTML 76Page - STMicroelectronics ST7FLUS5MATRE Datasheet HTML 77Page - STMicroelectronics ST7FLUS5MATRE Datasheet HTML 78Page - STMicroelectronics ST7FLUS5MATRE Datasheet HTML 79Page - STMicroelectronics ST7FLUS5MATRE Datasheet HTML 80Page - STMicroelectronics ST7FLUS5MATRE Datasheet HTML 81Page - STMicroelectronics ST7FLUS5MATRE Datasheet HTML 82Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 124 page
background image
On-chip peripherals
ST7LUS5, ST7LU05, ST7LU09
78/124
10.3.4
Low power modes
Note:
The A/D converter may be disabled by resetting the ADON bit. This feature allows reduced
power consumption when no conversion is needed and between single shot conversions.
10.3.5
Interrupts
None.
10.3.6
Register description
Control/status register (ADCCSR)
Table 47.
Effect of low power modes on ADC
Mode
Description
Wait
No effect on A/D converter
Halt
A/D converter disabled
After wake-up from Halt mode, the A/D converter requires a stabilization time tSTAB (see
Electrical characteristics) before accurate conversions can be performed.
ADCCSR
Reset value: 0000 0000 (00h)
7
654
32
10
EOC
SPEED
ADON
Reserved
CH[2:0]
RO
R/W
R/W
-
R/W
Table 48.
ADCCSR register description
Bit
Name
Function
7EOC
End of Conversion
This bit is set by hardware. It is cleared by software reading the ADCDRH register.
0: Conversion is not complete
1: Conversion complete
6
SPEED
ADC clock selection
This bit is set and cleared by software. It is used together with the SLOW bit to
configure the ADC clock speed. Refer to the table in the SLOW bit description.
5ADON
A/D Converter on
This bit is set and cleared by software.
0: A/D converter is switched off
1: A/D converter is switched on
4:3
-
Reserved, must be kept cleared



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com