| Electronic Components Datasheet Search |
|
ST7FLUS5MATRE Datasheet(PDF) 14 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST7FLUS5MATRE Datasheet(HTML) 14 Page - STMicroelectronics |
|
14 / 124 page ![]() Register and memory map ST7LUS5, ST7LU05, ST7LU09 14/124 3 Register and memory map As shown in Figure 3 and Figure 4, the MCU is capable of addressing 64 Kbytes of memories and I/O registers. The available memory locations consist of 128 bytes of register locations, 128 bytes of RAM and 1 Kbyte or 2 Kbytes of user program memory. The RAM space includes up to 64 bytes for the stack from 00C0h to 00FFh. The highest address bytes contain the user reset and interrupt vectors. The Flash memory contains two sectors (see Figure 3 and Figure 4) mapped in the upper part of the ST7 addressing space whereas the reset and interrupt vectors are located in Sector 0 (FE00h-FFFFh for the ST7LUS5 and FA01h-FFFFh for the ST7LU05/ST7LU09). The size of Flash sector 0 and other device options are configurable by the option bytes. Caution: Memory locations marked as “Reserved” must never be accessed. Accessing a reserved area can have unpredictable effects on the device. Figure 3. Memory map (ST7LUS5) 1. DEE0h, DEE1h, DEE2h and DEE3h addresses are located in a reserved area but are special bytes containing also the RC calibration values which are read-accessible only in user mode. If all the EEPROM data or Flash space (including the RC calibration values locations) has been erased (after the readout protection removal), then the RC calibration values can still be obtained through these addresses. 2. Size configurable by option byte 0000h RAM Flash Memory (1 Kbyte) Interrupt and Reset Vectors HW Registers 0080h 007Fh (see Table 3) FFE0h FFFFh (see Table 15) 0100h 00FFh Short Addressing RAM (zero page) 64-byte Stack 00FFh 0080h 00C0h (128 bytes) FC00h FBFFh Reserved FFDFh 0.5 to 1 Kbytes 0 to 0.5 Kbytes SECTOR 1 SECTOR 0(2) 1Kbyte Flash FFFFh FE00h FDFFh FC00h Program Memory DEE0h(1) RCCRH0 RCCRL0 DEE1h(1) See also Section 6.1 on page 27 RCCRH1 RCCRL1 DEE2h(1) DEE3h(1) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |