Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST7FLUS5MATRE Datasheet(PDF) 17 Page - STMicroelectronics

Part # ST7FLUS5MATRE
Description  8-bit low cost, low pin-count MCU for automotive,with single voltage Flash memory, ADC, timers
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7FLUS5MATRE Datasheet(HTML) 17 Page - STMicroelectronics

Back Button ST7FLUS5MATRE Datasheet HTML 13Page - STMicroelectronics ST7FLUS5MATRE Datasheet HTML 14Page - STMicroelectronics ST7FLUS5MATRE Datasheet HTML 15Page - STMicroelectronics ST7FLUS5MATRE Datasheet HTML 16Page - STMicroelectronics ST7FLUS5MATRE Datasheet HTML 17Page - STMicroelectronics ST7FLUS5MATRE Datasheet HTML 18Page - STMicroelectronics ST7FLUS5MATRE Datasheet HTML 19Page - STMicroelectronics ST7FLUS5MATRE Datasheet HTML 20Page - STMicroelectronics ST7FLUS5MATRE Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 124 page
background image
ST7LUS5, ST7LU05, ST7LU09
Register and memory map
17/124
004Bh
004Ch
004Dh
004Eh
004Fh
0050h
DM(4)
DMCR
DMSR
DMBK1H
DMBK1L
DMBK2H
DMBK2L
DM Control Register
DM Status Register
DM Breakpoint Register 1 High
DM Breakpoint Register 1 Low
DM Breakpoint Register 2 High
DM Breakpoint Register 2 Low
00h
00h
00h
00h
00h
00h
R/W
R/W
R/W
R/W
R/W
R/W
0051h to
007Fh
Reserved area (47 bytes)
1.
x = undefined, R/W = read/write
2.
The contents of the I/O port DR registers are readable only in output configuration. In input configuration, the values of the
I/O pins are returned instead of the DR register contents.
3.
The bits associated with unavailable pins must always keep their reset value.
4.
For a description of the DM registers, see the ST7 ICC Protocol Reference Manual.
Table 3.
Hardware register map(1) (continued)
Address
Block
Register label
Register name
Reset status
Remarks
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
About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List