| Electronic Components Datasheet Search |
|
ST7FLUS5MATRE Datasheet(PDF) 66 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST7FLUS5MATRE Datasheet(HTML) 66 Page - STMicroelectronics |
|
66 / 124 page ![]() On-chip peripherals ST7LUS5, ST7LU05, ST7LU09 66/124 10.1.6 Register description Lite timer control/status register (LTCSR) LTCSR Reset value: 0000 0x00 (0xh) 7 654 32 10 ICIE ICF TB TBIE TBF WDGR WDGE WDGD R/W R/W R/W R/W R/W R/W R/W R/W Table 35. LTCSR register description Bit Name Function 7ICIE Interrupt enable This bit is set and cleared by software. 0: Input Capture (IC) interrupt disabled 1: Input Capture (IC) interrupt enabled 6ICF Input Capture flag This bit is set by hardware and cleared by software by reading the LTICR register. Writing to this bit does not change the bit value. 0: No input capture 1: An input capture has occurred Note: After an MCU reset, software must initialize the ICF bit by reading the LTICR register 5TB Timebase period selection This bit is set and cleared by software. 0: Timebase period = tOSC * 8000 (1ms @ 8 MHz) 1: Timebase period = tOSC * 16000 (2ms @ 8 MHz) 4TBIE Timebase Interrupt enable This bit is set and cleared by software. 0: Timebase (TB) interrupt disabled 1: Timebase (TB) interrupt enabled 3TBF Timebase Interrupt flag This bit is set by hardware and cleared by software reading the LTCSR register. Writing to this bit has no effect. 0: No counter overflow 1: A counter overflow has occurred 2 WDGRF Force Reset/Reset Status flag This bit is used in two ways: It is set by software to force a watchdog reset. It is set by hardware when a watchdog reset occurs and cleared by hardware or by software. It is cleared by hardware only when an LVD reset occurs. It can be cleared by software after a read access to the LTCSR register. 0: No watchdog reset occurred. 1: Force a watchdog reset (write), or, a watchdog reset occurred (read). |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |