| Electronic Components Datasheet Search |
|
ST7FLUS5MATRE Datasheet(PDF) 52 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST7FLUS5MATRE Datasheet(HTML) 52 Page - STMicroelectronics |
|
52 / 124 page ![]() Power saving modes ST7LUS5, ST7LU05, ST7LU09 52/124 To compensate for any frequency dispersion of the AWU RC oscillator, it can be calibrated by measuring the clock frequency fAWU_RC and then calculating the right prescaler value. Measurement mode is enabled by setting the AWUM bit in the AWUCSR register in Run mode. This connects fAWU_RC to the input capture of the 8-bit lite timer, allowing the fAWU_RC to be measured using the main oscillator clock as a reference timebase. Similarities with Halt mode The following AWUFH mode behavior is the same as normal Halt mode: ● The MCU can exit AWUFH mode by means of any interrupt with exit from Halt capability or a reset (see Section 8.4: Active Halt and Halt modes). ● When entering AWUFH mode, the I bit in the CC register is forced to 0 to enable interrupts. Therefore, if an interrupt is pending, the MCU wakes up immediately. ● In AWUFH mode, the main oscillator is turned off causing all internal processing to be stopped, including the operation of the on-chip peripherals. None of the peripherals are clocked except those which get their clock supply from another clock generator (such as an external or auxiliary oscillator like the AWU oscillator). ● The compatibility of watchdog operation with AWUFH mode is configured by the WDGHALT option bit in the option byte. Depending on this setting, the HALT instruction when executed while the watchdog system is enabled, can generate a watchdog RESET. Figure 24. AWUF Halt timing diagram AWUFH interrupt fCPU RUN MODE HALT MODE 64 tCPU RUN MODE fAWU_RC Clear by software tAWU |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |