Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST7FLUS5MATRE Datasheet(PDF) 93 Page - STMicroelectronics

Part # ST7FLUS5MATRE
Description  8-bit low cost, low pin-count MCU for automotive,with single voltage Flash memory, ADC, timers
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7FLUS5MATRE Datasheet(HTML) 93 Page - STMicroelectronics

Back Button ST7FLUS5MATRE Datasheet HTML 89Page - STMicroelectronics ST7FLUS5MATRE Datasheet HTML 90Page - STMicroelectronics ST7FLUS5MATRE Datasheet HTML 91Page - STMicroelectronics ST7FLUS5MATRE Datasheet HTML 92Page - STMicroelectronics ST7FLUS5MATRE Datasheet HTML 93Page - STMicroelectronics ST7FLUS5MATRE Datasheet HTML 94Page - STMicroelectronics ST7FLUS5MATRE Datasheet HTML 95Page - STMicroelectronics ST7FLUS5MATRE Datasheet HTML 96Page - STMicroelectronics ST7FLUS5MATRE Datasheet HTML 97Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 124 page
background image
ST7LUS5, ST7LU05, ST7LU09
Electrical characteristics
93/124
Figure 37.
fCLKIN maximum operating frequency versus VDD supply voltage
Table 65.
Operating conditions with low voltage detector (LVD)(1)
1.
TA = -40 to 125°C unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VIT+(LVD)
Reset release threshold (VDD rise)
High threshold
3.50
4.00
4.50
V
VIT-(LVD)
Reset generation threshold (VDD fall)
3.30
3.80
4.40
Vhys
LVD voltage threshold hysteresis
VIT+(LVD)-VIT-(LVD)
150
mV
VtPOR
VDD rise time rate
(2)(3)
2.
Not tested in production. The VDD rise time rate condition is needed to ensure a correct device power-on
and LVD reset release. When the VDD slope is outside these values, the LVD may not release properly the
reset of the MCU.
3.
Use of LVD with capacitive power supply: With this type of power supply, if power cuts occur in the
application, it is recommended to pull VDD down to 0V to ensure optimum restart conditions. Refer to circuit
example in Figure 56 on page 109.
20
-
µs/V
IDD(LVD)
(4)
4.
Not tested in production
LVD current consumption
VDD = 5V
220
µA
fCLKIN [MHz]
SUPPLY VOLTAGE [V]
16
8
4
0
2.0
3.0
3.5
4.0
4.5
5.0
FUNCTIONALITY
NOT GUARANTEED
IN THIS AREA
5.5
FUNCTIONALITY
GUARANTEED
IN THIS AREA
(UNLESS OTHERWISE
STATED IN THE
TABLES OF
PARAMETRIC DATA)
2.7
3.3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com