Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST7FLUS5MATRE Datasheet(PDF) 114 Page - STMicroelectronics

Part # ST7FLUS5MATRE
Description  8-bit low cost, low pin-count MCU for automotive,with single voltage Flash memory, ADC, timers
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7FLUS5MATRE Datasheet(HTML) 114 Page - STMicroelectronics

Back Button ST7FLUS5MATRE Datasheet HTML 110Page - STMicroelectronics ST7FLUS5MATRE Datasheet HTML 111Page - STMicroelectronics ST7FLUS5MATRE Datasheet HTML 112Page - STMicroelectronics ST7FLUS5MATRE Datasheet HTML 113Page - STMicroelectronics ST7FLUS5MATRE Datasheet HTML 114Page - STMicroelectronics ST7FLUS5MATRE Datasheet HTML 115Page - STMicroelectronics ST7FLUS5MATRE Datasheet HTML 116Page - STMicroelectronics ST7FLUS5MATRE Datasheet HTML 117Page - STMicroelectronics ST7FLUS5MATRE Datasheet HTML 118Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 124 page
background image
Device configuration and ordering information
ST7LUS5, ST7LU05, ST7LU09
114/124
14
Device configuration and ordering information
Each device is available for production in user programmable versions (Flash) as well as in
factory coded versions (FASTROM).
ST7PLUxx devices are Factory Advanced Service Technique ROM (FASTROM) versions:
They are factory-programmed XFlash devices.
ST7FLUxx XFlash devices are shipped to customers with a default program memory
content (FFh).
The FASTROM factory coded parts contain the code supplied by the customer. This implies
that Flash devices have to be configured by the customer using the option bytes while the
FASTROM devices are factory-configured.
14.1
Flash devices
14.1.1
Flash configuration
The two option bytes are used to select the hardware configuration of the microcontroller.
The option bytes can be accessed only in programming mode (for example, using a
standard ST7 programming tool).
Option byte 0
Table 87.
Flash option bytes
Option byte 0
Option byte 1
7
654
3210
765
4321
0
Reserved
SEC0[1:0]
FMP
_R
FMP
_W
CKSEL[1:0]
Reserved
LVD[1:0]
WDG
SW
WDG
HALT
Default
value
1
111
0000
001
0111
1
Table 88.
Option byte 0 bit description
Bit
Name
Function
OPT7:4
-
Reserved, must always be 1.
OPT3:2
SEC0[1:0]
Sector 0 size definition
These option bits indicate the size of sector 0 as follows:
00: 0.5 Kbyte
01: 1 Kbyte
1- : 2 Kbytes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com