Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM62100AGH Datasheet(PDF) 47 Page - ELAN Microelectronics Corp

Part # EM62100AGH
Description  65 COM / 132 SEG STN LCD Driver
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM62100AGH Datasheet(HTML) 47 Page - ELAN Microelectronics Corp

Back Button EM62100AGH Datasheet HTML 43Page - ELAN Microelectronics Corp EM62100AGH Datasheet HTML 44Page - ELAN Microelectronics Corp EM62100AGH Datasheet HTML 45Page - ELAN Microelectronics Corp EM62100AGH Datasheet HTML 46Page - ELAN Microelectronics Corp EM62100AGH Datasheet HTML 47Page - ELAN Microelectronics Corp EM62100AGH Datasheet HTML 48Page - ELAN Microelectronics Corp EM62100AGH Datasheet HTML 49Page - ELAN Microelectronics Corp EM62100AGH Datasheet HTML 50Page - ELAN Microelectronics Corp EM62100AGH Datasheet HTML 51Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 60 page
background image
EM62100
65 COM/132 SEG STN LCD Driver
Product Specification (V1.1) 09.13.2005
•••• 41
(This specification is subject to change without further notice)
7.2.27 N-line Inversion (Double Byte Command)
This command allows adjustments on the number of scan lines for liquid crystal display
inversion. It is a two-byte command used in pair and the Number of Line Set command
must be issued after the N-Line Inversion Set command.
7.2.27.1 N-Line Inversion Set
When this command is input, no other command except for the Number of Line Set
command can be used.
RS
RDB
WRB
D7
D6
D5
D4
D3
D2
D1
D0
Hex
0
1
0
1
0
0
0
0
1
0
1
85H
7.2.27.2 Number of Line Set
This command is used to set five bits of data to the N-Line inversion register. Once the
Number of Line Set command has been issued to set data into the register, then the
N-Line inversion will affect the LCD display.
RS
RDB
WRB
D7
D6
D5
D4
D3
D2
D1
D0 Hex
Line
Inversion
0
1
0
*
*
*
0
0
0
0
0
00H
1 line
0
0
0
0
1
01H
2 lines
1
1
1
1
1
1FH
32 lines
NOTE
The number of inversed scan line = register setting value + 1.
When Partial Duty = 1/9 or 1/17, the N-line inversion function is released and
the LCD display scan line is back to frame inversion status.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com