| Electronic Components Datasheet Search |
|
EM62100AGH Datasheet(PDF) 41 Page - ELAN Microelectronics Corp |
|
|
|||||||||||||||||||||||||||||
EM62100AGH Datasheet(HTML) 41 Page - ELAN Microelectronics Corp |
|
41 / 60 page ![]() EM62100 65 COM/132 SEG STN LCD Driver Product Specification (V1.1) 09.13.2005 •••• 35 (This specification is subject to change without further notice) 7.2.16 Power Control Set This command sets the function of the power supply circuit. Select one of the eight power circuit functions using a 3-bit register. An external power supply and part of an on-chip power circuit can be used simultaneously. For details, refer to the Power Supply Circuit in the FUNCTION DESCRIPTION section. RS RDB WRB D7 D6 D5 D4 D3 D2 D1 D0 Hex 0 1 0 0 0 1 0 1 VB VR VF 28H to 2FH When VF goes low, the voltage follower turns off. When VF goes high, it turns on. When VR goes low, the voltage regulator turns off. When VR goes high, it turns on. When VB goes low, the voltage booster turns off. When VB goes high, it turns on. 7.2.17 V0 Voltage Regulator Internal Resistor Ratio Set This command sets the V0 voltage regulator internal resistor ratio. For details, see the explanation under “The Power Supply Circuits”. RS RDB WRB D7 D6 D5 D4 D3 D2 D1 D0 Hex Setting 0 1 0 0 0 1 0 0 0 0 0 20H Small 0 0 1 21H 0 1 0 22H 1 1 0 26H 1 1 1 27H Large 7.2.18 Electronic Volume (Double Byte Command) This command allows adjustments can be made on the brightness of the liquid crystal display by controlling the liquid crystal drive voltage V0 through the output from the voltage regulator circuits of the internal liquid crystal power supply. This command is used in pair with the electronic volume mode set command and the electronic volume register set command, and both commands must be issued one after the other. (1) The Electronic Volume Mode Set When this command is input, the electronic volume register set command is enabled. Immediately after the electronic volume mode has been set, no other command except for the electronic volume register command can be used. Once the electronic volume register set command has been used to set data into the register, then the electronic volume mode is released. RS RDB WRB D7 D6 D5 D4 D3 D2 D1 D0 Hex 0 1 0 1 0 0 0 0 0 0 1 81H |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |