| Electronic Components Datasheet Search |
|
EM62100AGH Datasheet(PDF) 43 Page - ELAN Microelectronics Corp |
|
|
|||||||||||||||||||||||||||||
EM62100AGH Datasheet(HTML) 43 Page - ELAN Microelectronics Corp |
|
43 / 60 page ![]() EM62100 65 COM/132 SEG STN LCD Driver Product Specification (V1.1) 09.13.2005 •••• 37 (This specification is subject to change without further notice) (2) Static Indicator Register Set This command sets two bits of data into the static indicator register and used to set the static indicator into a blinking mode. RS RDB WRB D7 D6 D5 D4 D3 D2 D1 D0 Hex Setting 0 1 0 * * * * * * 0 0 00H OFF 0 1 01H ON blinking at ≈ 1sec interval 1 0 02H ON blinking at ≈0.5sec interval 1 1 03H ON (constantly on) 7.2.20 Power Save (Compound Command) The power save mode is entered when the display all points ON command is executed while in the display OFF mode. The power save mode includes the sleep mode and the standby mode. The sleep mode is entered when the static indicator is OFF, and the standby mode is entered when the static indicator is ON. This mode is cleared by the display all points OFF command. The sleep mode operation stops all operations in the LCD display system, and as long as there are no accesses from the MPU. In sleep mode operation, the oscillator circuit, the LCD power supply circuit, and all LCD driver circuits are put on halt. Release the Sleep mode using both Power Save OFF command (Display ON command or Entire Display OFF command) and Set Indicator On command. Static Indicator OFF (D7-D0)=AC (Hex) Static Indicator ON (D7-D0)=AD (Hex) (D7-D0)=X0~X3H (Hex) 1. Display OFF (D7-D0)=AE (Hex) 2. Entire Display ON (D7-D0)=A5 (Hex) 1. Display OFF (D7-D0)=AE (Hex) 2. Entire display ON (D7-D0)=A5 (Hex) Sleep Mode Stanby Mode Normal Display Mode (D7-D0)=A4 (Hex) 1. Normal Display Mode (D7-D0)=A4 (Hex) 2. Static Indicator ON (D7-D0)=AD (Hex) (D7-D0)=X0~X3H (Hex) Sleep Mode Cancel Stanby Mode Cancel X: don't care |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |