| Electronic Components Datasheet Search |
|
EM62100AGH Datasheet(PDF) 36 Page - ELAN Microelectronics Corp |
|
|
|||||||||||||||||||||||||||||
EM62100AGH Datasheet(HTML) 36 Page - ELAN Microelectronics Corp |
|
36 / 60 page ![]() EM62100 65 COM/132 SEG STN LCD Driver 30 • ••• Product Specification (V1.1) 09.13.2005 (This specification is subject to change without further notice) D7 D6 D5 D4 D3 D2 D1 D0 40H to 7FH 0 1 A5 A4 A3 A2 A1 A0 Line Address 0 0 0 0 0 0 0 0 0 0 0 0 1 1 0 0 0 0 1 0 2 1 1 1 1 1 0 62 1 1 1 1 1 1 63 7.2.3 Page Address Set This command is used to specify a page address equivalent to a row address for MPU access to the display data RAM. Any RAM data bit can be accessed when its page address and column address are specified. The display remains unchanged even when the page address is changed. Page address 8 is the display RAM area indicated by the indicator, and only D0 is valid for data change. RS RDB WRB D7 D6 D5 D4 D3 D2 D1 D0 Hex 0 1 0 1 0 1 1 A3 A2 A1 A0 B0H to B8H D7 D6 D5 D4 D3 D2 D1 D0 B0H to B8H 1 0 1 1 A3 A2 A1 A0 Page Address 0 0 0 0 0 0 0 0 1 1 0 0 1 0 2 1 1 1 0 7 1 0 0 0 8 7.2.4 Column Address Set This command specifies a display data RAM column address. In setting, the column address is split into two parts (the upper 4-bits and the lower 4-bits). The column address is automatically incremented by 1 each time the MPU accesses from the set address to the display data RAM. Therefore, the MPU can access the data continuously. However, the column address is no longer incremented at address 131 (83H), and the page address is not changed continuously. RS RDB WRB D7 D6 D5 D4 D3 D2 D1 D0 Hex 0 1 0 0 0 0 1 A7 A6 A5 A4 10H to 18H Upper bits 0 A3 A2 A1 A0 00H to 0FH Lower bits |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |